Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA830 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA830 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 17Page - Texas Instruments OPA830 Datasheet HTML 18Page - Texas Instruments OPA830 Datasheet HTML 19Page - Texas Instruments OPA830 Datasheet HTML 20Page - Texas Instruments OPA830 Datasheet HTML 21Page - Texas Instruments OPA830 Datasheet HTML 22Page - Texas Instruments OPA830 Datasheet HTML 23Page - Texas Instruments OPA830 Datasheet HTML 24Page - Texas Instruments OPA830 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
TYPICAL CHARACTERISTICS: VS = +3V, Differential Configuration
R
L
604W
604W
R
D
V
O
V
I
G =
D
604W
R
G
+3V
2kW
1kW
0.1 F
m
1/4
OPA4830
1/4
OPA4830
R
D
1V
1V
3
0
-3
-6
-9
-12
-15
Frequency(MHz)
1
10
100
200
G =1
D
G =2
D
G =5
D
G =10
D
V =200mV
O
PP
R =500
L
W
-40
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
Resistance( )
W
100
150
200
250
300
350
400
450
500
3rd-Harmonic
2nd-Harmonic
G =2
D
V =4V
f=5MHz
O
PP
9
6
3
0
-3
-6
-9
Frequency(MHz)
1
10
100
200
V =2V
O
PP
V =1V
O
PP
V =200mV
O
PP
G =2
D
-35
-45
-55
-65
-75
-85
-95
-105
-115
Frequency(MHz)
0.1
1
10
100
3rd-Harmonic
2nd-Harmonic
G =2
D
O
PP
L
V =2V
R =500W
-75
-80
-85
-90
-95
-100
OutputVoltageSwing(V
)
PP
0.50
0.75
1.00
1.25
1.50
1.75
2.00
3rd-Harmonic
2nd-Harmonic
G =2
D
L
R =500
f=5MHz
W
OPA4830
www.ti.com.................................................................................................................................................... SBOS350A – DECEMBER 2006 – REVISED MAY 2008
At TA = +25°C, RF = 604Ω, and RL = 500Ω differential (as shown in Figure 66), unless otherwise noted.
DIFFERENTIAL SMALL-SIGNAL FREQUENCY RESPONSE
Figure 66.
Figure 67.
DIFFERENTIAL LARGE-SIGNAL FREQUENCY RESPONSE
DIFFERENTIAL DISTORTION vs LOAD RESISTANCE
Figure 68.
Figure 69.
DIFFERENTIAL DISTORTION vs FREQUENCY
DIFFERENTIAL DISTORTION vs OUTPUT VOLTAGE
Figure 70.
Figure 71.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): OPA4830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com