Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ208 Datasheet(PDF) 49 Page - Actel Corporation

Part # PQ208
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

PQ208 Datasheet(HTML) 49 Page - Actel Corporation

Back Button PQ208 Datasheet HTML 45Page - Actel Corporation PQ208 Datasheet HTML 46Page - Actel Corporation PQ208 Datasheet HTML 47Page - Actel Corporation PQ208 Datasheet HTML 48Page - Actel Corporation PQ208 Datasheet HTML 49Page - Actel Corporation PQ208 Datasheet HTML 50Page - Actel Corporation PQ208 Datasheet HTML 51Page - Actel Corporation PQ208 Datasheet HTML 52Page - Actel Corporation PQ208 Datasheet HTML 53Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
SX-A Family FPGAs
v5.3
2-29
Table 2-23 • A54SX16A Timing Characteristics
(Worst-Case Commercial Conditions VCCA = 2.25 V, VCCI = 3.0 V, TJ = 70°C)
Parameter
Description
–3 Speed*
–2 Speed
–1 Speed
Std. Speed
–F Speed
Units
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
Dedicated (Hardwired) Array Clock Networks
tHCKH
Input Low to High
(Pad to R-cell Input)
1.2
1.4
1.6
1.8
2.8
ns
tHCKL
Input High to Low
(Pad to R-cell Input)
1.0
1.1
1.3
1.5
2.2
ns
tHPWH
Minimum Pulse Width High
1.4
1.7
1.9
2.2
3.0
ns
tHPWL
Minimum Pulse Width Low
1.4
1.7
1.9
2.2
3.0
ns
tHCKSW
Maximum Skew
0.3
0.3
0.4
0.4
0.6
ns
tHP
Minimum Period
2.8
3.4
3.8
4.4
6.0
ns
fHMAX
Maximum Frequency
357
294
263
227
167
MHz
Routed Array Clock Networks
tRCKH
Input Low to High (Light Load)
(Pad to R-cell Input)
1.0
1.2
1.3
1.5
2.1
ns
tRCKL
Input High to Low (Light Load)
(Pad to R-cell Input)
1.1
1.3
1.5
1.7
2.4
ns
tRCKH
Input Low to High (50% Load)
(Pad to R-cell Input)
1.1
1.3
1.4
1.7
2.3
ns
tRCKL
Input High to Low (50% Load)
(Pad to R-cell Input)
1.1
1.3
1.5
1.7
2.4
ns
tRCKH
Input Low to High (100% Load)
(Pad to R-cell Input)
1.3
1.5
1.7
2.0
2.7
ns
tRCKL
Input High to Low (100% Load)
(Pad to R-cell Input)
1.3
1.5
1.7
2.0
2.8
ns
tRPWH
Minimum Pulse Width High
1.4
1.7
1.9
2.2
3.0
ns
tRPWL
Minimum Pulse Width Low
1.4
1.7
1.9
2.2
3.0
ns
tRCKSW
Maximum Skew (Light Load)
0.8
0.9
1.0
1.2
1.7
ns
tRCKSW
Maximum Skew (50% Load)
0.8
0.9
1.0
1.2
1.7
ns
tRCKSW
Maximum Skew (100% Load)
1.0
1.1
1.3
1.5
2.1
ns
Note: *All –3 speed grades have been discontinued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com