Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMU01020C3003JB700 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # MMU01020C3003JB700
Description  Professional MELF Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU01020C3003JB700 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button MMU01020C3003JB700 Datasheet HTML 5Page - Vishay Siliconix MMU01020C3003JB700 Datasheet HTML 6Page - Vishay Siliconix MMU01020C3003JB700 Datasheet HTML 7Page - Vishay Siliconix MMU01020C3003JB700 Datasheet HTML 8Page - Vishay Siliconix MMU01020C3003JB700 Datasheet HTML 9Page - Vishay Siliconix MMU01020C3003JB700 Datasheet HTML 10Page - Vishay Siliconix MMU01020C3003JB700 Datasheet HTML 11Page - Vishay Siliconix MMU01020C3003JB700 Datasheet HTML 12Page - Vishay Siliconix MMU01020C3003JB700 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Document Number: 28713
For technical questions, contact: melf@vishay.com
www.vishay.com
Revision: 05-Mar-12
25
MMU 0102, MMA 0204, MMB 0207 - Professional
Professional MELF Resistors
Vishay Beyschlag
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HISTORICAL 12NC INFORMATION
• The resistors had a 12-digit numeric code starting with
2312.
• The subsequent 4 digits indicated the resistor type,
specification and packaging; see the 12NC table.
• The remaining 4 digits indicated the resistance value:
- The first 3 digits indicated the resistance value.
- The last digit indicated the resistance decade in
accordance with the 12NC Indicating Resistance Decade
table.
Last Digit of 12NC Indicating Resistance Decade
Historical 12NC Example
The 12NC of a MMU 0102 resistor, value 47 k
 and TCR 50
with ± 1 % tolerance, supplied in blister tape of 3000 units per
reel was: 2312 165 14703.
RESISTANCE DECADE
LAST DIGIT
0.1
 to 0.999 
7
1
 to 9.99 
8
10
 to 99.9 
9
100
 to 999 
1
1 k
 to 9.99 k
2
10 k
 to 99.9 k
3
100 k
 to 999 k
4
1 M
 to 9.99 M
5
10 M
 to 99.9 M
6
HISTORICAL 12NC - Resistor type and packaging
DESCRIPTION
2312... .....
BLISTER TAPE ON REEL
BULK CASE
TYPE
TCR
TOL.
BL
3000 UNITS
B0
10 000 UNITS
M8
8000 UNITS
MMU 0102
± 50 ppm/K
±
5 %
165 3....
175 3....
060 3....
±
2 %
165 2....
175 2....
060 2....
±
1 %
165 1....
175 1....
060 1....
±
0.5 %
165 5....
175 5....
060 5....
± 25 ppm/K
± 1 %
166 1....
176 1....
061 1....
±
0.5 %
166 5....
176 5....
061 5....
Jumper
165 90001
175 90001
060 90001
TYPE
TCR
TOL.
BL
3000 UNITS
B0
10 000 UNITS
M3
3000 UNITS
MMA 0204
± 50 ppm/K
± 5 %
155 3....
145 3....
040 3....
± 1 %
155 1....
145 1....
040 1....
± 0.5 %
155 5....
145 5....
040 5....
± 25 ppm/K
± 1 %
156 1....
146 1....
041 1....
± 0.5 %
156 5....
146 5....
041 5....
Jumper
155 90001
145 90001
040 90001
TYPE
TCR
TOL.
B2
2000 UNITS
B7
7000 UNITS
MMB 0207
±
100 ppm/K
± 5 %
195 3....
185 3....
± 50 ppm/K
±
5 %
195 3....
185 3....
± 2 %
195 2....
185 2....
± 1 %
195 1....
185 1....
±
25 ppm/K
± 0.5 %
196 5....
186 5....
Jumper
195 90001
185 90001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com