Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRL1632-R100-F-T5 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PRL1632-R100-F-T5
Description  RP series, RPH series,high-power metal film chip resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PRL1632-R100-F-T5 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PRL1632-R100-F-T5 Datasheet HTML 1Page - List of Unclassifed Manufacturers PRL1632-R100-F-T5 Datasheet HTML 2Page - List of Unclassifed Manufacturers PRL1632-R100-F-T5 Datasheet HTML 3Page - List of Unclassifed Manufacturers PRL1632-R100-F-T5 Datasheet HTML 4Page - List of Unclassifed Manufacturers PRL1632-R100-F-T5 Datasheet HTML 5Page - List of Unclassifed Manufacturers PRL1632-R100-F-T5 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
susumu group catalog
Short-side terminal
Long-side terminal
L
W
T
A
L
W
T
A
KRL 6432 - C - R010 - F - T1
Resistance Value
Operating Temperature :
C (high temperature application)
M (low thermal emf application)
Dimensions
(mm)
L
W
T
A (5.0 7.0m )
A (8.0m
)
KRL1220
2.0 0.20
1.25 0.20
0.5 0.20
0.4 0.20
KRL1632
3.2 0.20
1.6 0.20
0.5 0.20
1.10 0.20
0.4 0.20
KRL3264
6.3 0.20
3.1 0.20
0.5 0.20
1.90 0.20
1.0 0.20
Dimensions
(mm)
L
W
T
A (1m )
A (2m )
A (3m
)
KRL2012
2.0 0.20
1.25 0.20
0.5 0.20
0.55 0.20
0.40 0.20
0.30 0.20
KRL3216
3.2 0.20
1.6 0.20
0.5 0.20
0.60 0.20
0.40 0.20
0.30 0.20
KRL6432
6.3 0.20
3.1 0.20
0.5 0.20
1.20 0.20
0.50 0.20
KRL7638
7.6 0.20
3.8 0.20
0.5 0.20
1.35 0.20
0.60 0.20
KRL9045
8.9 0.20
4.5 0.20
0.5 0.20
1.60 0.20
0.70 0.20
KRL11050
11.0 0.20
5.0 0.20
0.5 0.20
1.80 0.20
0.80 0.20
KRL1632
0.5W
KRL1220
0.3W
10m 100m
KRL3264
1.0W
5m 100m
5 9m :
2.0 (G)
10m
:
1.0 (F)
5 9m :
100
10m
:
50
C :
55 170 C
M :
55 155 C
KRL2012
0.66W
KRL3216
1.0W
KRL6432
2.0W
KRL7638
3.0W
KRL9045
4.0W
KRL11050
5.0W
1m 50m
1m 100m
1m :
2m :
3m
:
5.0 (J)
2.0 (G)
1.0 (F)
1m :
2m :
3m
:
150
100
50
C :
55 170 C
M :
55 155 C
Completely lead free
RoHS compliant
Resistance Tolerance
Package
(T1:1000pcs/reel, T5:5000pcs/reel)
Dimensions
Part Code
Precision current sensing low resistance chip resistors
Metal foil, long-side terminal/
short- side terminal, face down. KRL series
SPECIFICATIONS
Mechanical
Electrical
Mechanical
Electrical
PART NUMBER
Two types are available: for high temperature application (up to 170 C) and for low thermal emf application. Excellent TCRs:
+/-150ppm/ C for 1m
Ω, +/-100ppm/ C for 2mΩ, +/-50ppm/ C for 3mΩ. Face down mounting offers accurate sensing. Depending
on customers’ applications, we offer long-side terminal type and short-side terminal type ranging from 1/3W to 5W power rating.
Protective coating used is halogen free showing our commitment to environment.
• Contact our sales office for wrap around terminal ERL series.
Type
Power
Resistance Range( )
Operating Temp. Range
Operating Temp. Range
TCR ppm / C
Tolerance %
(code)
Type
Power
Resistance Range( )
TCR ppm / C
Tolerance %
(code)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com