Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FG256 Datasheet(PDF) 21 Page - Actel Corporation

Part # FG256
Description  SX-A Family FPGAs
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

FG256 Datasheet(HTML) 21 Page - Actel Corporation

Back Button FG256 Datasheet HTML 17Page - Actel Corporation FG256 Datasheet HTML 18Page - Actel Corporation FG256 Datasheet HTML 19Page - Actel Corporation FG256 Datasheet HTML 20Page - Actel Corporation FG256 Datasheet HTML 21Page - Actel Corporation FG256 Datasheet HTML 22Page - Actel Corporation FG256 Datasheet HTML 23Page - Actel Corporation FG256 Datasheet HTML 24Page - Actel Corporation FG256 Datasheet HTML 25Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
SX-A Family FPGAs
v5.3
2-1
Detailed Specifications
Operating Conditions
Typical SX-A Standby Current
Table 2-1 • Absolute Maximum Ratings
Symbol
Parameter
Limits
Units
VCCI
DC Supply Voltage for I/Os
–0.3 to +6.0
V
VCCA
DC Supply Voltage for Arrays
–0.3 to +3.0
V
VI
Input Voltage
–0.5 to +5.75
V
VO
Output Voltage
–0.5 to + VCCI + 0.5
V
TSTG
Storage Temperature
–65 to +150
°C
Note: *Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Exposure to
absolute maximum rated conditions for extended periods may affect device reliability. Devices should not be operated outside the
"Recommended Operating Conditions".
Table 2-2 • Recommended Operating Conditions
Parameter
Commercial
Industrial
Units
Temperature Range
0 to +70
–40 to +85
°C
2.5 V Power Supply Range (VCCA and VCCI)
2.25 to 2.75
2.25 to 2.75
V
3.3 V Power Supply Range (VCCI)
3.0 to 3.6
3.0 to 3.6
V
5 V Power Supply Range (VCCI)
4.75 to 5.25
4.75 to 5.25
V
Table 2-3 • Typical Standby Current for SX-A at 25°C with VCCA = 2.5 V
Product
VCCI = 2.5 V
VCCI = 3.3 V
VCCI = 5 V
A54SX08A
0.8 mA
1.0 mA
2.9 mA
A54SX16A
0.8 mA
1.0 mA
2.9 mA
A54SX32A
0.9 mA
1.0 mA
3.0 mA
A54SX72A
3.6 mA
3.8 mA
4.5 mA
Table 2-4 • Supply Voltages
VCCA
VCCI*
Maximum Input Tolerance
Maximum Output Drive
2. 5 V
2.5 V
5.75 V
2.7 V
2.5 V
3.3 V
5.75 V
3.6 V
2.5 V
5 V
5.75 V
5.25 V
Note: *3.3 V PCI is not 5 V tolerant due to the clamp diode, but instead is 3.3 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com