Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS219B2-AS Datasheet(PDF) 11 Page - Powerex Power Semiconductors

Part # PS219B2-AS
Description  Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS219B2-AS Datasheet(HTML) 11 Page - Powerex Power Semiconductors

Back Button PS219B2-AS Datasheet HTML 3Page - Powerex Power Semiconductors PS219B2-AS Datasheet HTML 4Page - Powerex Power Semiconductors PS219B2-AS Datasheet HTML 5Page - Powerex Power Semiconductors PS219B2-AS Datasheet HTML 6Page - Powerex Power Semiconductors PS219B2-AS Datasheet HTML 7Page - Powerex Power Semiconductors PS219B2-AS Datasheet HTML 8Page - Powerex Power Semiconductors PS219B2-AS Datasheet HTML 9Page - Powerex Power Semiconductors PS219B2-AS Datasheet HTML 10Page - Powerex Power Semiconductors PS219B2-AS Datasheet HTML 11Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
PS219B2-S, PS219B2-AS, PS219B2-CS
Intellimod™ Module
Dual-In-Line Intelligent Power Module
5 Amperes/600 Volts
11
12/11 Rev. 0
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697-1800 (724) 925-7272 www.pwrx.com
Pattern Wiring Around Shunt Resistor
External SC Protection Circuit Using Three Shunt Resistors
VNC
NV
NU
N1
NW
DIPIPM
Wiring inductance should be less than 10nH.
(Equivalent to the inductance of a copper pattern with
length = 17mm and width = 3mm.)
NU, NV, NW should be connected near terminals.
RSHUNT
GND wiring from VNC should be as
close to the shunt resistors as possible.
DRIVE CIRCUIT
DIPIPM
DRIVE CIRCUIT
PROTECTION CIRCUIT
NU
SHUNT
RESISTORS
COMPARATORS
(Open Collector Output Type)
OR OUTPUT
NV
NW
W
V
U
P
P-SIDE
IGBTs
N-SIDE
IGBTs
VNC
Rf
Cf
Vref
−
+
5V
CIN
A
C
D
B
Rf
Cf
Vref
−
+
Rf
Cf
Vref
−
+
Notes:
1) It is necessary to set the time constraint Rf, Cf of external comparator input so that the IGBT stops within 2 s when short circuit occurs.
SC interrupting time can vary with the wiring pattern, comparator speed and so on.
2) The threshold voltage Vref should be set up as the same rating as the short circuit trip level (VSC(ref), typically 0.48V).
3) Select the external shunt resistance so that the SC trip-level is less than specified value (≤1.7 times current rating).
4) Wiring A, B, and C should be as short as possible to avoid a malfunction.
5) Where the wiring to the comparator is divided, point D, should be near the shunt resistor terminal.
6) OR output high level should be over 0.53V (= maximum VSC(ref)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com