Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS219B2-CS Datasheet(PDF) 7 Page - Powerex Power Semiconductors

Part # PS219B2-CS
Description  Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS219B2-CS Datasheet(HTML) 7 Page - Powerex Power Semiconductors

Back Button PS219B2-CS Datasheet HTML 3Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 4Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 5Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 6Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 7Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 8Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 9Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 10Page - Powerex Power Semiconductors PS219B2-CS Datasheet HTML 11Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PS219B2-S, PS219B2-AS, PS219B2-CS
Intellimod™ Module
Dual-In-Line Intelligent Power Module
5 Amperes/600 Volts
7
12/11 Rev. 0
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697-1800 (724) 925-7272 www.pwrx.com
Mechanical Characteristics and Ratings
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Mounting Torque
M3 Mounting Screws*8
5.2
6.1
6.9
in-lb
Terminal Pulling Strength
Control Terminal: Weight 4.9N
10
—
—
s
Power Terminal: Weight 9.8N
Terminal Bending Strength
Control Terminal: Weight 2.45N
2
—
—
times
Power Terminal: Weight 4.9N
90 Degree Bend
Module Weight (Typical)
—
8.5
—
Grams
Heatsink Flatness*9
-50
—
+100
µm
Recommended Conditions for Use
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Supply Voltage
VCC
Applied between P-N Terminals
0
300
400
Volts
Control Supply Voltage
VD
Applied between VP1-VNC, VN1-VNC
13.5
15.0
16.5
Volts
VDB
Applied between VUFB-U,
13.0
15.0
18.5
Volts
VVFB-V, VWFB-W
Control Supply Variation
∆VD, ∆VDB
-1
—
1
V/µs
Arm Shoot-through Blocking Time
tDEAD
For Each Input Signal, TC ≤ 100°C
1.0
—
—
µs
Allowable Minimum Input
PWIN(on)
0.7
—
—
µs
Pulse Width*11
PWIN(off)
0.7
—
—
µs
VNC Voltage Variation
VNC
Between VNC-NU, NV, NW (Including Surge)
-5.0
—
5.0
Volts
Junction Temperature
Tj
-20
125
°C
*8 Plain washers (ISO 7089-7094) are recommended.
*9 Flatness measurement position.
*11DIPIPM may not respond if the input signal pulse is less than PWIN(on), PWIN(off).
HEATSINK
MEASUREMENT POSITION
4.6mm
17.5mm
HEATSINK
–
+
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com