Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCGD-E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SCGD-E
Description  microSIM Card Connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCGD-E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SCGD-E Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Printed in Japan 2008.12.BY
©
古紙配合率100%再生紙を使用しています。
大豆油インキで印刷しています。
このパンフレットはエコマーク認定の再生紙を使用しています。
1. For the export of products which are controlled items subject to foreign and domestic export laws and regulations, you must obtain approval and/or
follow the formalities of such laws and regulations.
2. Products must not be used for military and/or antisocial purposes such as terrorism, and shall not be supplied to any party intending to use the
products for such purposes.
3. Unless provided for otherwise, the products have been designed and manufactured for application in equipment and devices which are sold to end
users in the market, including audio-visual (AV) equipment, electrical home appliances, office machines, information and communication equipment,
and amusement equipment. The products are not intended for use in, and must not be used for, any application for nuclear equipment, driving
equipment for aerospace or any other unauthorized use.
With the exception of the abovementioned prohibited applications, please contact an Alps sales representative and/or evaluate the total system
regarding applicability for applications involving high levels of safety and liability such as medical equipment, burglar alarm equipment, disaster
prevention equipment and undersea equipment. Please also incorporate fail-safe design, protection and redundant circuitry, malfunction protection,
and/or fire protection into the complete system to ensure safety and reliability of the total system.
4. Before using products which were not specifically designed for use in automotive applications, please contact an Alps sales representative.
1. The specifications herein are an overview of the specifications. Obtain official specifications before use.
2. The colors of the products in the catalog may slightly differ from those of the actual products.
3. The external appearance, functions and other specifications herein may be discontinued without prior notice.
4. All product names, company names and names of standards described in this catalog are trademarks or registered trademarks of
their respective owners.
5. The contents of this catalog are according to Alps Electric as of September 2011.
6. This catalog is valid until December 31, 2011..
Product Information Center
+
81 (3) 5499-8154
Product Information URL
http://www.alps.com/products/e/
Precautions when handling our products
Cautions for using this catalog
Inquiries about this product
1-7,Yukigaya-otsukamachi,Ota-ku,Tokyo,145-8501,Japan
Typical Specifications
Mount type
Card eject stroke
Media ejection method
Rating (per pin)
Initial contact resistance (card contact)
No. of insertion and removal cycles
Dimensions
Standard mount
3mm
Push-push
3.6V/ 0.5A
100mΩ max.
5,000 cycles
Unit: mm
SCGD Series
Features
Applications
microSIM Card Connector
(Push-Push Type)
Industrys smallest connector achieves space efficiency and high operability
- Compatible with microSIM cards (8-pin)
- Normally closed switch contributes to lower power consumption
- Industrys smallest push-push type connector
- Mobile phones, smartphones, tablet PCs, notebook PCs,
and other mobile devices
0.94
14.3
0.15
Card center
Connector center
0.5
1.25
14.18
2-0.12
0.76
1.46
2.16
0.65
1.35
2.05
2.75
2.86
3.56
0.06
6.46
6.59
4.635
5.50
10-0.3
0.7
0.65
C8
CD
C4
C6
C2
C1
C5
Common
C7
C3
14.18
5.50
2.05
2.75
1.35
0.65
0.06
0.76
1.46
2.16
2.86
3.56
4.635
6.23
6.39
7.35
7.35
1.02
0.5
10-0.5
1.05
1.1
2-0.37
CD
C5
C8
C4
C3
C7
C6
C2
C1
RECOMMENDED P.W.BOARD LAYOUT
(MOUNTING FACE SIDE)
ALL TOLERANCE UNDESCRIBED ARE ±0.05
RECOMMENDED PWB LAYOUT
:No pattern area
:Land area
microSIM CARD PAD
No. FIGURE
C7
C8
C3
C4
C6
C5
C1
C2
Circuit Diagram for Detect Switch
Insertiong CARD=OFF
→Normal=ON
COMMON
DETECT SW
* COMMON should be connected to GND
on the PCB circuit.
Allows DIP soldering terminals
NEW
2011


Similar Part No. - SCGD-E

ManufacturerPart #DatasheetDescription
logo
Heyco.
SCG HEYCO-SCG Datasheet
92Kb / 1P
Heyco® Liquid Tight Cordgrips Torque Chart
logo
Eravant
SCG-10120-F1 ERAVANT-SCG-10120-F1 Datasheet
325Kb / 3P
WR-10 Waveguide Cable, Flexible, 12” Long
Rev 2.0
SCG-12060-F1 ERAVANT-SCG-12060-F1 Datasheet
336Kb / 3P
WR-12 Waveguide Cable, Flexible, 6” Long
Rev 2.0
SCG-12120-F1 ERAVANT-SCG-12120-F1 Datasheet
335Kb / 3P
WR-12 Waveguide Cable, Flexible, 12” Long
Rev 2.0
SCG-12120-F1-2 ERAVANT-SCG-12120-F1-2 Datasheet
336Kb / 3P
WR-12 Waveguide Cable, Flexible, 12” Long
Rev 2.0
More results

Similar Description - SCGD-E

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
PJS008-2000-0 YAMAICHI-PJS008-2000-0 Datasheet
211Kb / 1P
microSD??Card Connector
PJS008-2100-X YAMAICHI-PJS008-2100-X Datasheet
2Mb / 1P
microSD card connector
logo
Adam Technologies, Inc.
SCC-08-SMT-275 ADAM-TECH-SCC-08-SMT-275 Datasheet
87Kb / 1P
SIM CARD CONNECTOR
SCC-H-08-SG-SMT ADAM-TECH-SCC-H-08-SG-SMT Datasheet
92Kb / 1P
SIM CARD CONNECTOR
SCC-J-08-SMT ADAM-TECH-SCC-J-08-SMT Datasheet
101Kb / 1P
SIM CARD CONNECTOR
SCCP-08-SG-SMT ADAM-TECH-SCCP-08-SG-SMT Datasheet
109Kb / 1P
SIM CARD CONNECTOR
SCCP-10-SG-SMT ADAM-TECH-SCCP-10-SG-SMT Datasheet
99Kb / 1P
SIM CARD CONNECTOR
SCCP-10-SG-SMT-TR ADAM-TECH-SCCP-10-SG-SMT-TR Datasheet
99Kb / 1P
SIM CARD CONNECTOR
logo
Japan Aviation Electron...
SF58 JAE-SF58 Datasheet
1Mb / 7P
microSIM Card Connector
logo
Wurth Elektronik GmbH &...
693021020811 WURTH-693021020811 Datasheet
765Kb / 8P
WR-CRD MicroSIM Card Connector SMT
001.000
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com