Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLASHPROOF Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # SPLASHPROOF
Description  Splashproof/Sealed SmartSwitches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

SPLASHPROOF Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  SPLASHPROOF Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. SPLASHPROOF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. SPLASHPROOF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. SPLASHPROOF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Splashproof/Sealed SmartSwitches
7850 East Gelding Drive • Scottsdale, AZ 85260-3420
Splash Proof.doc
Page 1 of 4
Toll Free 1.877.2BUYNKK (877.228.9655) • Phone 480.991.0942 • Fax 480.998.1435
www.nkkswitches.com • Email engineering@nkkswitches.com
0612
Splashproof/Sealed SmartSwitches
Polyurethane overlay can be used to splashproof SmartSwitches. It is possible to
achieve IP65 rating by proper installation.
Polyurethane overlay is 0.3 mm thick with transmissivity of 90%. The overlay
comes with 5mm wide adhesive on the perimeter. Installing an overlay over the
switches’ cutout opening is sufficient to render the assembly splashproof. To
achieve a higher IP rating a supporting bracket should be used to reinforce the
adhesive tape.
NKK can provide custom sizes for the overlay and bracket. Please submit your
requirement to: engineering@nkkswitches.com
Below are some overlay examples for reference.


Similar Part No. - SPLASHPROOF

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
SPLA01012 APEX-ELECTRONICS-SPLA01012 Datasheet
976Kb / 2P
Pushbutton switch, side actuation, illumination
SPLA01014 APEX-ELECTRONICS-SPLA01014 Datasheet
976Kb / 2P
Pushbutton switch, side actuation, illumination
SPLA01015 APEX-ELECTRONICS-SPLA01015 Datasheet
976Kb / 2P
Pushbutton switch, side actuation, illumination
SPLA01016 APEX-ELECTRONICS-SPLA01016 Datasheet
976Kb / 2P
Pushbutton switch, side actuation, illumination
SPLA0101B APEX-ELECTRONICS-SPLA0101B Datasheet
976Kb / 2P
Pushbutton switch, side actuation, illumination
More results

Similar Description - SPLASHPROOF

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0151 MOLEXKITS-76650-0151 Datasheet
45Kb / 6P
Deluxe Splashproof Application Kit Includes USB Type A and B, RJ-45, MX150L, MX150, Mini-Splashproof Product
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
logo
Littelfuse
01520004Z LITTELFUSE-01520004Z Datasheet
89Kb / 1P
MAXI??Fuse Splashproof Fuseholder
logo
AVX Corporation
719515999010808 AVX-719515999010808 Datasheet
60Kb / 2P
Automotive Splashproof Connectors
logo
List of Unclassifed Man...
R22-5D16-12 ETC2-R22-5D16-12 Datasheet
565Kb / 1P
Sealed Construction
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
Hermetically sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
Hermetically Sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
Hermetically Sealed
logo
Littelfuse
0FHM000XLXN LITTELFUSE-0FHM000XLXN Datasheet
562Kb / 1P
INLINE SPLASHPROOF FUSE HOLDER
298907-030 LITTELFUSE-298907-030 Datasheet
140Kb / 1P
MEGA짰 298 SPLASHPROOF SERIES FUSE HOLDER
2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com