Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCR1206-RFI Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WCR1206-RFI
Description  GENERAL PURPOSE SURFACE MOUNTED RESISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WCR1206-RFI Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WCR1206-RFI Datasheet HTML 1Page - List of Unclassifed Manufacturers WCR1206-RFI Datasheet HTML 2Page - List of Unclassifed Manufacturers WCR1206-RFI Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
General Purpose Surface
Mounted Resistors
WCR Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
07.13
General Purpose Surface
Mounted Resistors
WCR Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue D · 07.03
Welwyn Components
Marking
All resistors are individually marked with 3 digits. The first two
digits are the significant figures and the third defines the
number of added zeros. Jumpers are marked 000. Types 0201
and 0402 have no marking.
E96 1% components that can not be marked with 4 digits
will be marked with a standard 3 digit code. Details can be
supplied upon request.
Solvent Resistance
The protective epoxy lacquer and marking are resistant to all
normal industrial cleaning fluids suitable for printed circuits.
Table 1
Packaging
All chips are tape mounted and supplied on standard 8mm
tape reel, as IEC publication 286-3.
180mm (7 inch) reel is standard carries 5,000 pieces.
(Except 0402 carries 10,000 pieces)
Chip Resistor Labstock For Designers
WCR chip resistors are available in a special package of the most
popular sizes containing 50 each of the E24 values.
Please contact the sales desk for full details of this excellent
e
s
i
o
N
e
c
n
a
t
s
i
s
e
R
B
d
s
m
h
o
e
u
l
a
v
0
1
-
R
0
0
1
>100R,
0
K
0
1
>10K,
5
1
+
K
0
0
1
>100K,
0
2
+
0
M
1
0
3
+
0
M
1
>
Packaging
All chips are tape mounted and supplied on standard 8mm
tape reel, as IEC publication 286-3.
180mm (7 inch) reel is standard
250mm (10 inch) reel carrying double the standard quantity
can be supplied by agreement.
Chip Resistor Labstock For Designers
WCR chip resistors are available in a special package of the most
popular sizes containing 50 each of the E24 values.
Please contact the sales desk for full details of this excellent
solution for designers and your prototype build requirements.
01.11
Performance Data
Load: 1000 hrs at 70°C
10R-100K : 1
>100K : 2
Shelf life: 12 months at room temp.
0.2
0201
0402
0603
0805
Maximum Change
1206
1210
2010
2512
2
2
2.5
2.5
2.5
2.5
2.5
5
3
3
3
3
3
3
3
3
1
1
1
1
1
1
1
1
1
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
1
1
1
1
1
1
1
1
50
100
100
300
200
400
400
400
400
100
500
500
500
500
500
0.2
0.2
zero @ 125 °C
55/125/56
see table 1
> 1G
0.2
0.2
0.2
0.2
0.2
R%
R%
R%
R%
R%
R%
Derate linearly to zero from 70°C
Short term overload (6.25 x rated power)
Max voltage
Climatic
Climatic Catagory
Long term damp heat
Temperature rapid change
Resistance to solder heat
Vibration and bump
Noise
ohms
volts
Insulation resistance
Voltage proof
volts
R%
R%
4R7-100K : 1
>100K : 2
1R-100K : 1
>100K : 2
1R-100K : 1
>100K : 2
1R-100K : 1
>100K : 2
1R-100K : 1
>100K : 2
1R-100K : 1
>100K : 2
3% + 0.1R
Note: For zero ohm jumper chips use the dummy value & tolerance code
R005J



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com