Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCR2010-RFI Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WCR2010-RFI
Description  GENERAL PURPOSE SURFACE MOUNTED RESISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WCR2010-RFI Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WCR2010-RFI Datasheet HTML 1Page - List of Unclassifed Manufacturers WCR2010-RFI Datasheet HTML 2Page - List of Unclassifed Manufacturers WCR2010-RFI Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Surface
Mounted Resistors
WCR Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
07.13
· Excellent reliability
· Wide range of sizes and ohmic values
· Wrap around terminations
· Inner electrode protection
· AEC-Q200 grade available
General Purpose Surface
Mounted Resistors
WCR Series
Excellent reliability
Wide range of sizes and ohmic values
Wrap around terminations
Inner electrode protection
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Iss 07.03
A subsidiary of
TT electronics plc
Welwyn Components
* Notes – TCR for low values 1R to 10R: -400 to +600ppm/ºC, 11R to 100R: ±200ppm/ºC
TCR for high values 3M3 to 10M: ±300ppm/º
1
200
25
50
Power rating @ 70
°C
watts
Resistance range
ohms
Limiting element votage
volts
TCR*
ppm/
°C
Resistance Tolerance
%
Zero-ohm Jumper Chip Rating
amps
0.05
0201
10R to 1M0 1R0 to 1M0
0.5
0.25
1210
1R0 to 10M
0.063
0402
<50
1.5
2
0.1
0603
0.125
0805
150
0.25
1206
0.5
2010
1.0
2512
E24 or E96
-55 to 155
Standard values
Ambient temperature range
°C
Zero-ohm Jumper Chip Resistance milliohms
1
250
100
200
Electrical Data
W
0.3 ± 0.03
0.5 ± 0.05
0.8 ± 0.15
1.25+ 0.2 -0.1
1.6 + 0.1 -0.15
2.6 ± 0.15
2.5 ± 0.15
3.2 ± 0.15
L
0.6 ± 0.03
1.0 ± 0.1
1.6 ± 0.15
2.0 ± 0.2
3.2 +0.1 -0.25
3.2 + 0.1 -0.2
5.0 ± 0.15
6.3 ± 0.15
T
0.23 ± 0.03
0.35 ± 0.05
0.5 ± 0.15
0.5 + 0.15 -0.10
0.55 +0.15 -0.1
0.55 +0.15 -0.1
0.56 ± 0.15
0.56 ± 0.15
C
0.12 ± 0.05
0.2 ± 0.1
0.25 ± 0.2
0.4 ± 0.2
0.5 + 0.2-0.25
0.5 ± 0.25
0.60 ± 0.25
0.60 ± 0.25
A
0.15 ± 0.05
0.25 ± 0.1
0.25 ± 0.2
0.4 ± 0.2
0.5+ 0.2 -0.25
0.5 ± 0.2
0.60 ± 0.25
1.2 ± 0.85
T
W
A
A
L
Wrap-around terminations
(3 faces)
C
Style
0201
0402
0603
0805
1206
1210
2010
2512
Dimensions (mm)
Physical Data
Construction
The chips have a high alumina substrate (96% minimum) with
a ruthenium oxide resistance element and silver palladium,
nickel and tin plated terminations. A glazed protection coat
is applied to the resistive element (See Fig.1)
Terminations
Solderability
The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2.
Strength
The terminations meet requirements of
IEC 68.2.21.
Figure 1
Tin Plating
Nickel Barrier
Dipped Conductor
Silver
Palladium
96% min Alumina Substrate
Epoxy Melamine
Glass Dielectric
Resistance Element
Protection
General Purpose Surface
Mounted Resistors
WCR Series
Excellent reliability
Wide range of sizes and ohmic values
Wrap around terminations
Inner electrode protection
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Iss 07.03
A subsidiary of
TT electronics plc
Welwyn Components
* Notes – TCR for low values 1R to 10R: -400 to +600ppm/ºC, 11R to 100R: ±200ppm/ºC
TCR for high values 3M3 to 10M: ±300ppm/º
1
200
25
50
Power rating @ 70
°C
watts
Resistance range
ohms
Limiting element votage
volts
TCR*
ppm/
°C
Resistance Tolerance
%
Zero-ohm Jumper Chip Rating
amps
0.05
0201
10R to 1M0 1R0 to 1M0
0.5
0.25
1210
1R0 to 10M
0.063
0402
<50
1.5
2
0.1
0603
0.125
0805
150
0.25
1206
0.5
2010
1.0
2512
E24 or E96
-55 to 155
Standard values
Ambient temperature range
°C
Zero-ohm Jumper Chip Resistance milliohms
1
250
100
200
Electrical Data
W
0.3 ± 0.03
0.5 ± 0.05
0.8 ± 0.15
1.25+ 0.2 -0.1
1.6 + 0.1 -0.15
2.6 ± 0.15
2.5 ± 0.15
3.2 ± 0.15
L
0.6 ± 0.03
1.0 ± 0.1
1.6 ± 0.15
2.0 ± 0.2
3.2 +0.1 -0.25
3.2 + 0.1 -0.2
5.0 ± 0.15
6.3 ± 0.15
T
0.23 ± 0.03
0.35 ± 0.05
0.5 ± 0.15
0.5 + 0.15 -0.10
0.55 +0.15 -0.1
0.55 +0.15 -0.1
0.56 ± 0.15
0.56 ± 0.15
C
0.12 ± 0.05
0.2 ± 0.1
0.25 ± 0.2
0.4 ± 0.2
0.5 + 0.2-0.25
0.5 ± 0.25
0.60 ± 0.25
0.60 ± 0.25
A
0.15 ± 0.05
0.25 ± 0.1
0.25 ± 0.2
0.4 ± 0.2
0.5+ 0.2 -0.25
0.5 ± 0.2
0.60 ± 0.25
1.2 ± 0.85
T
W
A
A
L
Wrap-around terminations
(3 faces)
C
Style
0201
0402
0603
0805
1206
1210
2010
2512
Dimensions (mm)
Physical Data
Construction
The chips have a high alumina substrate (96% minimum) with
a ruthenium oxide resistance element and silver palladium,
nickel and tin plated terminations. A glazed protection coat
is applied to the resistive element (See Fig.1)
Terminations
Solderability
The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2.
Strength
The terminations meet requirements of
IEC 68.2.21.
Figure 1
Tin Plating
Nickel Barrier
Dipped Conductor
Silver
Palladium
96% min Alumina Substrate
Epoxy Melamine
Glass Dielectric
Resistance Element
Protection


Similar Part No. - WCR2010-RFI

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WCR2010-10KDI WELWYN-WCR2010-10KDI Datasheet
661Kb / 2P
50General Purpose Surface Mounted Resistors
WCR2010-10KFI WELWYN-WCR2010-10KFI Datasheet
661Kb / 2P
50General Purpose Surface Mounted Resistors
WCR2010-10KGI WELWYN-WCR2010-10KGI Datasheet
661Kb / 2P
50General Purpose Surface Mounted Resistors
WCR2010-10KJI WELWYN-WCR2010-10KJI Datasheet
661Kb / 2P
50General Purpose Surface Mounted Resistors
WCR2010-10KKI WELWYN-WCR2010-10KKI Datasheet
661Kb / 2P
50General Purpose Surface Mounted Resistors
More results

Similar Description - WCR2010-RFI

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CHP WELWYN-CHP Datasheet
74Kb / 2P
Metal Glaze??General Purpose Surface Mount Power Resistors
CR0503 WELWYN-CR0503 Datasheet
165Kb / 3P
Surface Mounted Resistors
FCR WELWYN-FCR Datasheet
56Kb / 1P
Fusing Surface Mounted Resistors
PCR WELWYN-PCR Datasheet
98Kb / 2P
Precision Thick Film Surface Mounted Resistors
WCR WELWYN-WCR Datasheet
661Kb / 2P
50General Purpose Surface Mounted Resistors
WCR WELWYN-WCR_13 Datasheet
643Kb / 3P
General Purpose Surface Mounted Resistors
logo
List of Unclassifed Man...
HR ETC1-HR Datasheet
280Kb / 2P
HIGH VALUE SURFACE MOUNTED RESISTORS
WCR1206 ETC2-WCR1206 Datasheet
424Kb / 3P
General Purpose Surface Mounted Resistors
WCR1206-3K9FI ETC2-WCR1206-3K9FI Datasheet
424Kb / 3P
General Purpose Surface Mounted Resistors
logo
TT Electronics.
CR0503 TTELEC-CR0503 Datasheet
441Kb / 3P
Surface Mounted Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com