Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCE Datasheet(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd

Part # LCE
Description  Transient Voltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

LCE Datasheet(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd

  LCE Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd LCE Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd LCE Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd LCE Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd LCE Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd LCE Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd LCE Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Circuit Protection
System
Page:1
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Transient Voltage Suppressors - LCE Series
Features
Mechanical Characteristics
Rating
Symbol
Value
Units
Peak Pulse Power Dissipation by 10x1000μs test waveform
(Fig.1)(Note 1)
P
PPM
30000
Watts
Steady State Power Dissipation on
inifinite heat sink at TL=75°C (Fig. 5)
P
D
8
Watts
Operating junction and Storage Temperature Range.
T
J,TSTG
-55°C to 175°C
°C
Notes:
Non-repetitive current pulse , per Fig. 3 and derated above TA = 25°C per Fig. 2.
1. Halogen-free
2. Rohs compliant
3. Typical maximum temperature coefficient
4. ΔVBR =0.1%xVBR@25°C x ΔT
5. Glass passivated Chip junction in P600 package
6. 1500W peak pulse capadility at 10x1000μs waveform,repetition rate (duty
cycles):0.01%
7. Fast response time:typically less than 1.0ps from 0 Volts to BV min
8. Excellent clamping capability
9. Low incremental surge resistance
10. Typical IR less than 5μA above 12V
11. High temperature soldering guaranteed: 260°C/40 seconds / 0.375”,
\(9.5mm) lead length, 5lbs., (2.3kg)tension
12. Plastic package has underwriters laboratory flammability classification
94v-0
TVS devices are ideal for the protection of I/O interfaces,VCC bus and other vulnerable circuits used in telecom, computer,
industrial and consumer electronic applications.
UNI
UNI
Anode
Cathode
Applications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com