Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AW3P Datasheet(PDF) 13 Page - Amphenol Corporation

Part # AW3P
Description  AT Series??Specifications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

AW3P Datasheet(HTML) 13 Page - Amphenol Corporation

Back Button AW3P Datasheet HTML 8Page - Amphenol Corporation AW3P Datasheet HTML 9Page - Amphenol Corporation AW3P Datasheet HTML 10Page - Amphenol Corporation AW3P Datasheet HTML 11Page - Amphenol Corporation AW3P Datasheet HTML 12Page - Amphenol Corporation AW3P Datasheet HTML 13Page - Amphenol Corporation AW3P Datasheet HTML 14Page - Amphenol Corporation AW3P Datasheet HTML 15Page - Amphenol Corporation AW3P Datasheet HTML 16Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
11
www.sineco.com
Sealing Plug (Size 16)
P/N: A114017
Crimp Die (Stamped & Formed Contacts)
P/N: *MFX 3950 (Size 16)
P/N: *MFX 3953 (Size 16 and 20)
*Consult the Factory for availability
Hyperbolic Contacts
Pins and Contacts - Size 16 (Stamped and Formed)
Part Numbers
AWG Range
Recomm’d
Strip Length
Material
Part Numbers
AWG Range
Recomm’d
Strip Length
Material
AT60-14-0122
14-16
.125 - .175
Nickel
AT62-14-0122
14-16
.125 - .175
Nickel
AT60-14-0144
Gold
AT62-14-0144
Gold
AT60-16-0122
16-18
Nickel
AT62-16-0122
16-18
Nickel
AT60-16-0144
Gold
AT62-16-0144
Gold
AT60-16-0622
18-20
Nickel
AT62-16-0622
18-20
Nickel
AT60-16-0644
Gold
AT62-16-0644
Gold
RockSolid™ Gold Contacts
Part Numbers
(Fits AT Series™ and AHD Series™ )
Size/
Type
A
Max
B
Min
C
Max
D
Min
AWG Range Recomm’d
Strip Length
65-54942-14
16 SOC
.759
.073
.106
.250
14
.250-.312
65-54942-16
16 SOC
.759
.068
.103
.250
16
.250-.312
65-54942-20
16 SOC
.759
.048
.078
.172
20
.250-.312
A
D
B C
PIN CONTACT
A
D
B C
SOCKET CONTACT
• Longer contact life
• Lower contact resistence
• Immunity to shock and vibration
• Low insertion and extraction forces
• Contact area extends 360° around pins
Listed below are quick reference illustrations for RockSolid™ and stamped and formed crimp options, as well as the Amphenol Sine
Systems part numbers.
AHD Series
Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com