Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCR2010-RFA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WCR2010-RFA
Description  GENERAL PURPOSE SURFACE MOUNTED RESISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WCR2010-RFA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WCR2010-RFA Datasheet HTML 1Page - List of Unclassifed Manufacturers WCR2010-RFA Datasheet HTML 2Page - List of Unclassifed Manufacturers WCR2010-RFA Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
General Purpose Surface
Mounted Resistors
WCR Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
07.13
Ordering Procedure
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: WCR1206-10KFI (1206, 10 kilohms ±1%, Pb-free)
W C R 1
2
0
6
-
1
0 K F
I
1
2
3
4
5
Note 1: For zero ohm jumper chips use the dummy value & tolerance code
Note 2: AEC-Q200 grade on resistor chips is not available in 0201 size, and on zero ohm jumper chips it is
not available in 0201, 0402 or 2512 sizes
R005J
USA (IRC) Part Number: WCR-WCR1206LF-1002FPLT (1206, 10 kilohms ±1%, Pb-free)
W C R
- W C R 1
2
0
6
L F
1
0
0
2
F P L
T
1
2
3
4
5
6
7
Note: For zero ohm jumper chips use value & tolerance code
R000J
1
2
3
4
5
Type Size
Value1
Tolerance
Grade / Packing
WCR 0201 E24 = 3 characters
F = ±1%
I = Standard
0402 E96 = 4 characters
0201
20000/reel
0603
R = ohms
0402
10000/reel
0805
K = kilohms
0603, 0805,
1206, 1210
5000/reel
1206
M = megohms
1210
2010, 2512
4000/reel
2010
2512
1
2
3
4
5
6
7
Family Model
Size Termination
Value
Tolerance
Packing
WCR
WCR
0201 LF = Pb-free 3 digits + multiplier
F = ±1%
PLT = Paper Tape
0402
R = ohms for values
<100 ohms
0201
20000/reel
0603
0402
10000/reel
0805
0603, 0805,
1206, 1210
5000/reel
1206
1210
2010
4000/reel
2010
ELT = Plastic Tape
2512
2512
4000/reel
1
A = AEC-Q200 grade
Both grades use standard
packing as follows:
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com