Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLTS030B Datasheet(PDF) 2 Page - Texas Instruments

Part # SLTS030B
Description  90% Efficiency Adjustable Output Voltage
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLTS030B Datasheet(HTML) 2 Page - Texas Instruments

  SLTS030B Datasheet HTML 1Page - Texas Instruments SLTS030B Datasheet HTML 2Page - Texas Instruments SLTS030B Datasheet HTML 3Page - Texas Instruments SLTS030B Datasheet HTML 4Page - Texas Instruments SLTS030B Datasheet HTML 5Page - Texas Instruments SLTS030B Datasheet HTML 6Page - Texas Instruments SLTS030B Datasheet HTML 7Page - Texas Instruments SLTS030B Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Typical Characteristics
0
0.5
1
1.5
2
9
12
151821
2427
3033
3639
0
0.5
1
1.5
2
9
12
151821
2427
PT6213, 3.3 VDC
(See Note A)
PT6212, 5.0 VDC
(See Note A)
PT6214, 12.0 VDC
(See Note A)
Note A:
The characteristic data listed in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note B:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM. (See Thermal Application Notes).
Efficiency vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note B)
Power Dissipation vs Output Current
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Vin-(Volts)
Vin-(Volts)
40
50
60
70
80
90
100
00.5
11.5
2
9.0V
12.0V
15.0V
18.0V
24.0V
26.0V
Vin
40
50
60
70
80
90
100
00.5
11.5
2
9.0V
12.0V
18.0V
24.0V
30.0V
38.0V
Vin
40
50
60
70
80
90
100
0
0.5
1
1.5
2
16.0V
20.0V
24.0V
30.0V
38.0V
V
Vin
0
30
60
90
120
150
00.5
11.5
2
26.0V
24.0V
18.0V
15.0V
12.0V
9.0V
Vin
0
30
60
90
120
150
0
0.5
1
1.5
2
38.0V
30.0V
24.0V
18.0V
12.0V
9.0V
Vin
0
50
100
150
200
250
300
350
400
00.5
11.5
2
38.0V
30.0V
24.0V
20.0V
16.0V
Vin
0
0.5
1
1.5
2
2.5
00.5
11.5
2
26.0V
24.0V
18.0V
15.0V
12.0V
9.0V
Vin
0
0.5
1
1.5
2
2.5
00.5
11.5
2
38.0V
30.0V
24.0V
18.0V
12.0V
9.0V
Vin
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
38.0V
30.0V
24.0V
20.0V
16.0V
Vin
60°C
70°C
0
0.5
1
1.5
2
16
18
20
22
24
26
28
30
32
34
36
38
85°C
70°C
50°C
60°C
70°C
85°C
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note B)
Thermal Derating (Ta)
(See Note B)
Power Dissipation vs Output Current
Power Dissipation vs Output Current
2 Amp Adjustable Positive Step-down
Integrated Switching Regulator
PT6210 Series



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com