Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

dsPIC30F3010 Datasheet(PDF) 16 Page - Microchip Technology

Part # dsPIC30F3010
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC30F3010 Datasheet(HTML) 16 Page - Microchip Technology

Back Button dsPIC30F3010 Datasheet HTML 12Page - Microchip Technology dsPIC30F3010 Datasheet HTML 13Page - Microchip Technology dsPIC30F3010 Datasheet HTML 14Page - Microchip Technology dsPIC30F3010 Datasheet HTML 15Page - Microchip Technology dsPIC30F3010 Datasheet HTML 16Page - Microchip Technology dsPIC30F3010 Datasheet HTML 17Page - Microchip Technology dsPIC30F3010 Datasheet HTML 18Page - Microchip Technology dsPIC30F3010 Datasheet HTML 19Page - Microchip Technology dsPIC30F3010 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 228 page
background image
dsPIC30F3010/3011
DS70141F-page 16
© 2010 Microchip Technology Inc.
Table 1-2 provides a brief description of the device I/O
pinout and the functions that are multiplexed to a port
pin. Multiple functions may exist on one port pin. When
multiplexing occurs, the peripheral module’s functional
requirements may force an override of the data
direction of the port pin.
TABLE 1-2:
dsPIC30F3010 I/O PIN DESCRIPTIONS
Pin Name
Pin
Type
Buffer
Type
Description
AN0-AN5
I
Analog
Analog input channels.
AN0 and AN1 are also used for device programming data and clock inputs,
respectively.
AVDD
P
P
Positive supply for analog module. This pin must be connected at all times.
AVSS
P
P
Ground reference for analog module. This pin must be connected at all times.
CLKI
CLKO
I
O
ST/CMOS
—
External clock source input. Always associated with OSC1 pin function.
Oscillator crystal output. Connects to crystal or resonator in Crystal
Oscillator mode. Optionally functions as CLKO in RC and EC modes.
Always associated with OSC2 pin function.
CN0-CN7
I
ST
Input change notification inputs.
Can be software programmed for internal weak pull-ups on all inputs.
EMUD
EMUC
EMUD1
EMUC1
EMUD2
EMUC2
EMUD3
EMUC3
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
ST
ST
ST
ST
ST
ST
ST
ST
ICD Primary Communication Channel data input/output pin.
ICD Primary Communication Channel clock input/output pin.
ICD Secondary Communication Channel data input/output pin.
ICD Secondary Communication Channel clock input/output pin.
ICD Tertiary Communication Channel data input/output pin.
ICD Tertiary Communication Channel clock input/output pin.
ICD Quaternary Communication Channel data input/output pin.
ICD Quaternary Communication Channel clock input/output pin.
IC1, IC2, IC7,
IC8
I
ST
Capture inputs 1, 2, 7 and 8.
INDX
QEA
QEB
I
I
I
ST
ST
ST
Quadrature Encoder Index Pulse input.
Quadrature Encoder Phase A input in QEI mode.
Auxiliary Timer External Clock/Gate input in Timer mode.
Quadrature Encoder Phase B input in QEI mode.
Auxiliary Timer External Clock/Gate input in Timer mode.
INT0
INT1
INT2
I
I
I
ST
ST
ST
External interrupt 0.
External interrupt 1.
External interrupt 2.
FLTA
PWM1L
PWM1H
PWM2L
PWM2H
PWM3L
PWM3H
I
O
O
O
O
O
O
ST
—
—
—
—
—
—
PWM Fault A input.
PWM1 Low output.
PWM1 High output.
PWM2 Low output.
PWM2 High output.
PWM3 Low output.
PWM3 High output.
MCLR
I/P
ST
Master Clear (Reset) input or programming voltage input. This pin is an active
low Reset to the device.
OCFA
OC1, OC2
I
O
ST
—
Compare Fault A input (for Compare channels 1, 2, 3 and 4).
Compare outputs 1 and 2.
Legend: CMOS =
CMOS compatible input or output
Analog =
Analog input
ST
=
Schmitt Trigger input with CMOS levels
O
=
Output
I
=
Input
P
=
Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com