Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS412299C Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # CS412299C
Description  POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / 2000 to 2500 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

CS412299C Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  CS412299C Datasheet HTML 1Page - Power Analog Micoelectronics CS412299C Datasheet HTML 2Page - Power Analog Micoelectronics CS412299C Datasheet HTML 3Page - Power Analog Micoelectronics CS412299C Datasheet HTML 4Page - Power Analog Micoelectronics CS412299C Datasheet HTML 5Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
http://www.pwrx.com
Single & Dual Diode Isolated Module
100 Amperes / 2000 to 2500 Volts
Revision Date: 05/20/2013
CD41__99C, CS41__99C
CC41__99C, CN41__99C
®
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.001
0.01
0.1
1
10
100
Time - t - Seconds
Maximum Transient Thermal Impedance
(Junction to Case)
15°
30°
60°
90°
120°
180°
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
120
Average On-State Current - If(av) - Amperes
Maximum On-State Power Dissipation
(Sinusoidal Waveform)
0
1
2
3
4
5
10
100
1000
10000
Instantaneous On-State Current - Ifm - Amperes
Maximum On-State Forward Voltage Drop
( Tj = 150 C )
15°
30°
60°
90°
120°
180°
80
90
100
110
120
130
140
150
0
20
40
60
80
100
120
Average On-State Current - If(av) - Amperes
Maximum Allowable Case Temperature
(Sinusoidal Waveform)
15°
30°
60°
90°
120°
180°
270°
360° (DC)
70
80
90
100
110
120
130
140
150
0
20
40
60
80
100
120
140
160
180
200
Average On-State Current - If(av) - Amperes
Maximum Allowable Case Temperature
(Rectangular Waveform)
15°
30°
60°
90°
120°
180°
270°
360°
0
50
100
150
200
250
0
20
40
60
80
100
120
140
160
180
200
Average On-State Current - If(av) - Amperes
Maximum On-State Power Dissipation
(Rectangular Waveform)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com