Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0426BA02436S Datasheet(PDF) 2 Page - Spectrum Microwave, Inc.

Part # SF0426BA02436S
Description  426 MHz SAW Filter 6.4 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

SF0426BA02436S Datasheet(HTML) 2 Page - Spectrum Microwave, Inc.

  SF0426BA02436S Datasheet HTML 1Page - Spectrum Microwave, Inc. SF0426BA02436S Datasheet HTML 2Page - Spectrum Microwave, Inc. SF0426BA02436S Datasheet HTML 3Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
426 MHz SAW Filter
6.4 MHz Bandwidth
Part Number: SF0426BA02436S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0426BA02436S Rev A 25-Mar-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Nominal Center Frequency FC
-
426
-
MHz
Minimum Insertion Loss
-
21
22.0
dB
Lower 1dB Band Edge
1
-
422.45
422.80
MHz
Upper 1dB Band Edge
1
429.20
429.28
-
MHz
Lower 3dB Band Edge
1
-
422.24
422.50
MHz
Upper 3dB Band Edge
1
429.50
429.58
-
MHz
Lower 40 dB Band Edge
1
420.95
421.18
-
MHz
Upper 40 dB Band Edge
1
-
430.84
431.05
MHz
Amplitude Variation (423 to 429 MHz)
-
0.7
1.0
dB p-p
Phase Linearity (423 to 429 MHz)
-
5.5
7.0
deg p-p
Group Delay Variation (423 to 429 MHz)
-
90
120
ns p-p
Absolute Delay
-
1.33
-
us
Relative Attenuation (100-420 MHz)
1
50
53
-
dB
Relative Attenuation (434 to 500 MHz)
1
50
53
-
dB
Substrate Material
Quartz
Ambient Temperature
-
25
-
˚C
Notes:
1. dB levels are defined relative to the insertion loss.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating Temperature Range
10
70
˚C
Input Power Level
10
dBm
MATCHING CIRCUIT
Typical component values:
(Minimum inductor Q = 40)
Notes:
1. Recommend use of 2% tolerance matching components.
2. Component values may change depending on board layout.
Ls1
=
22
nH
Ls2 =
15
nH
Cp1 =
15
pF
Cp2 =
27
pF
Rp1 =
6.8
KΩ
Rp2 =
6.8
KΩ
11
5
12
6
Input
50
Ω
Single ended
Output
50
Ω
Single ended



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com