Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC-1210 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ISC-1210
Description  SMD Magnetics Packaging Methods
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ISC-1210 Datasheet(HTML) 2 Page - Vishay Siliconix

  ISC-1210 Datasheet HTML 1Page - Vishay Siliconix ISC-1210 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Packaging Methods
www.vishay.com
Vishay Dale
Revision: 15-Jan-14
2
Document Number: 34150
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MODEL
PACKAGE CODE
REEL
SIZE
CARRIER
TAPE
WIDTH
(W)
COMPONENT
PITCH
(P)
UNITS/
REEL
PACKAGE CODE
UNITS/
BULK
PREVIOUS
CODE
GLOBAL
CODE
LEAD (Pb)-
BEARING
GLOBAL
CODE
LEAD
(Pb)-FREE
PREVIOUS
CODE
GLOBAL
CODE
LEAD
(Pb)-
BEARING
GLOBAL
CODE
LEAD
(Pb)-FREE
IFCB-0402
-
-
ER
7
0.315 [8.0]
0.079 [2.0]
10 000
-
-
-
-
ILC-0402
-
-
ER
7
0.315 [8.0]
0.079 [2.0]
10 000
-
-
-
-
ILC-0603
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
4000
-
-
-
-
ILC-0805
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
4000
-
-
-
-
IMC-0402
-
-
ER
7
0.315 [8.0]
0.079 [2.0]
10 000
-
-
-
-
IMC-0402-01
-
-
ER
7
0.315 [8.0]
0.079 [2.0]
10 000
-
-
-
-
IMC-0603
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
4000
-
-
-
-
IMC-0603-01
-
-
ER
7
0.315 [8.0]
0.079 [2.0]
3000
-
-
-
-
IMC-0805
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
3000
-
-
-
-
IMC-0805-01
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
2000
-
-
-
-
IMC-1008
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
2000
-
-
-
-
IMC-1210
R98/RB3
R99/RB4
SY/AN
SZ/R9
ER/ET
ES/EU
7
13
0.315 [8.0]
0.315 [8.0]
0.157 [4.0]
0.157 [4.0]
2000
7500
B13
BN
EB
500
IMC-1210-100
R98/RB3
R99/RB4
SY/AN
SZ/R9
ER/ET
ES/EU
7
13
0.315 [8.0]
0.315 [8.0]
0.157 [4.0]
0.157 [4.0]
2000
7500
B13
BN
EB
500
IMC-1812
R73/R92
R13/R91
RV/RX
RQ/RW
ER/ET
ES/EU
7
13
0.472 [12.0]
0.472 [12.0]
0.315 [8.0]
0.315 [8.0]
500
2000
B13
BN
EB
500
IMCH-1812
-
-
ER
7
0.472 [12.0]
0.315 [8.0]
500
-
-
-
-
IMC-2220
-
-
ER
13
0.630 [16.0]
0.472 [12.0]
1000
-
-
-
-
ISC-1008
-
-
ER
13
0.472 [12.0]
0.157 [4.0]
750
-
-
-
-
ISC-1210
R98/RB3
R99/RB4
SY/AN
SZ/R9
ER/ET
ES/EU
7
13
0.315 [8.0]
0.315 [8.0]
0.157 [4.0]
0.157 [4.0]
2000
7500
B13
BN
EB
500
ISC-1812
R73/R92
R13/R91
RV/RX
RQ/RW
ER/ET
ES/EU
7
13
0.472 [12.0]
0.472 [12.0]
0.315 [8.0]
0.315 [8.0]
500
2000
B13
BN
EB
500
ICM-0805
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
2000
-
-
-
-
ICM-1206
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
2000
-
-
-
-
ICM-2824
-
-
ER
13
0.630 [16.0]
0.472 [12.0]
2000
-
-
-
-
ICM-3528
-
-
ER
13
0.945 [24.0]
0.472 [12.0]
900
-
-
-
-
ICM-4743
-
-
ER
13
0.945 [24.0]
0.630 [16.0]
500
-
-
-
-
ILSB-0603
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
4000
-
-
-
-
ILSB-0805
(0.047 μH to 2.2 μH)
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
4000
-
-
-
-
ILSB-0805
(2.7 μH to 33 μH)
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
3000
-
-
-
-
ILSB-1206
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
3000
-
-
-
-
ILBB-0402
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
10 000
-
-
-
-
ILBB-0603
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
4000
-
-
-
-
ILBB-0805
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
4000
-
-
-
-
ILB-1206
-
-
-
-
ER
ES
7
13
0.315 [8.0]
0.315 [8.0]
0.157 [4.0]
0.157 [4.0]
3000
10 000
-
-
-
-
ILBB-1210
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
2000
-
-
-
-
ILBB-1806
-
-
ER
7
0.472 [12.0]
0.157 [4.0]
2000
-
-
-
-
ILBB-1812
-
-
ER
7
0.472 [12.0]
0.157 [4.0]
1000
-
-
-
-
ILHB-0603
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
4000
-
-
-
-
ILHB-0805
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
4000
-
-
-
-
ILHB-1206
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
3000
-
-
-
-
ILHB-1806
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
2000
-
-
-
-
ILHB-1812
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
1000
-
-
-
-
ILAS-1206
-
-
ER
7
0.315 [8.0]
0.157 [4.0]
3000
-
-
-
-
LPE-3325
R94
RY
ER
13
0.945 [24.0]
0.472 [12.0]
1000
S51
SM
EB
10
LPE-4841
R94
RY
ER
13
0.945 [24.0]
0.630 [16.0]
600
S51
SM
EB
10
LPE-5047
R94
RY
ER
13
0.945 [24.0]
0.630 [16.0]
600
S51
SM
EB
10
LPE-6562
R94
RY
ER
13
1.26 [32.0]
0.787 [20.0]
300
S51
SM
EB
10
LPE-6855
R94
RY
ER
13
1.26 [32.0]
0.787 [20.0]
450
S51
SM
EB
10
LPE-3325-CST
-
-
ER
13
0.945 [24.0]
0.472 [12.0]
1000
-
-
EB
10
LPT-3535
RC5
RH
ER
13
0.945 [24.0]
0.630 [16.0]
600
S51
SM
EB
10
LPT-4545
RC5
RH
ER
13
0.945 [24.0]
0.630 [16.0]
600
S51
SM
EB
10
TAPE AND REEL in inches [millimeters]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com