Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS112J Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN54LS112J
Description  DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS112J Datasheet(HTML) 1 Page - Motorola, Inc

  SN54LS112J Datasheet HTML 1Page - Motorola, Inc SN54LS112J Datasheet HTML 2Page - Motorola, Inc SN54LS112J Datasheet HTML 3Page - Motorola, Inc SN54LS112J Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5-185
FAST AND LS TTL DATA
DUAL JK NEGATIVE
EDGE-TRIGGERED FLIP-FLOP
The SN54 / 74LS112A dual JK flip-flop features individual J, K, clock, and
asynchronous set and clear inputs to each flip-flop. When the clock goes
HIGH, the inputs are enabled and data will be accepted. The logic level of the
J and K inputs may be allowed to change when the clock pulse is HIGH and
the bistable will perform according to the truth table as long as minimum set-up
and hold time are observed. Input data is transferred to the outputs on the
negative-going edge of the clock pulse.
LOGIC DIAGRAM (Each Flip-Flop)
Q
5(9)
CLEAR (CD)
15(14)
J
3(11)
Q
6(7)
SET (SD)
4(10)
K
2(12)
1(13)
CLOCK (CP)
MODE SELECT — TRUTH TABLE
OPERATING MODE
INPUTS
OUTPUTS
OPERATING MODE
SD
CD
J
K
Q
Q
Set
Reset (Clear)
*Undetermined
Toggle
Load “0” (Reset)
Load “1” (Set)
Hold
L
H
L
H
H
H
H
H
L
L
H
H
H
H
X
X
X
h
l
h
l
X
X
X
h
h
l
l
H
L
H
q
L
H
q
L
H
H
q
H
L
q
* Both outputs will be HIGH while both SD and CD are LOW, but the output states
are unpredictable if SD and CD go HIGH simultaneously.
H, h = HIGH Voltage Level
L, I = LOW Voltage Level
X = Don’t Care
l, h (q) = Lower case letters indicate the state of the referenced input (or output)
l, h (q) = one set-up time prior to the HIGH to LOW clock transition.
SN54/74LS112A
DUAL JK NEGATIVE
EDGE-TRIGGERED FLIP-FLOP
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 620-09
N SUFFIX
PLASTIC
CASE 648-08
16
1
16
1
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXD
SOIC
16
1
D SUFFIX
SOIC
CASE 751B-03
LOGIC SYMBOL
VCC = PIN 16
GND = PIN 8
4
3
1
2
15
5
6
SD
J
CP
K CD Q
Q
10
11
9
13
12
14
7
SD
J
CP
K CD Q
Q


Similar Part No. - SN54LS112J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS112J TI-SN54LS112J Datasheet
300Kb / 9P
DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
More results

Similar Description - SN54LS112J

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS113A MOTOROLA-SN54LS113A Datasheet
140Kb / 4P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN54LS114A MOTOROLA-SN54LS114A Datasheet
146Kb / 4P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN54LS73A MOTOROLA-SN54LS73A Datasheet
73Kb / 3P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
logo
Fairchild Semiconductor
74F112 FAIRCHILD-74F112 Datasheet
59Kb / 6P
Dual JK Negative Edge-Triggered Flip-Flop
74F113 FAIRCHILD-74F113 Datasheet
59Kb / 6P
Dual JK Negative Edge-Triggered Flip-Flop
logo
Hitachi Semiconductor
HD74AC112 HITACHI-HD74AC112 Datasheet
59Kb / 10P
Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC74F112 MOTOROLA-MC74F112 Datasheet
83Kb / 3P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
SN5474LS114A MOTOROLA-SN5474LS114A Datasheet
149Kb / 4P
DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
logo
National Semiconductor ...
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
Dual JK Negative Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC74AC113 MOTOROLA-MC74AC113 Datasheet
188Kb / 6P
Dual JK Negative Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com