Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2087-80-SM-RPLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2087-80-SM-RPLF
Description  2087 Series High Voltage Mini-2-Electrode Gas Discharge Tube
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2087-80-SM-RPLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2087-80-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2087-80-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
■ Mini-compact size: 4 mm diameter,
4.2 mm length
■ Surface mount device
■ High voltage range
■ High insulation resistance
■ RoHS compliant*
■
UL Recognized
Applications
■ Industrial equipment/electronics
■ Telecommunications electronics
■ Consumer electronics
Characteristics
2087 Series High Voltage Mini-2-Electrode Gas Discharge Tube
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Test Methods per ITU-T (CCITT) K.12 and IEC 61643-311.
Characteristic
Model No.
2087-80
2087-100
2087-120
2087-150
2087-180
2087-200
DC Sparkover ±20 % @ 100 V/s
800 V
1000 V
1200 V
1500 V
1800 V
2000 V
Impulse Sparkover
100 V/µs
1000 V/µs
< 1300 V
< 1400 V
< 1500 V
< 1600 V
< 1700 V
< 1800 V
< 2000 V
< 2100 V
< 2500 V
< 2600 V
< 2700 V
< 2800 V
Insulation Resistance (IR) 1............................. 250/500 Vdc......................................................> 1 G
Ω
Glow Voltage ................................................... 10 mA................................................................~ 60 V
Arc Voltage ...................................................... 1 A.....................................................................~ 15 V
Glow-Arc Transition Current .......................................................................................................< 1 A
Capacitance..................................................... 1 MHz ...............................................................< 0.5 pF
Impulse Discharge Current.............................. 3,000 A, 8/20 µs................................................
1 operation
2,000 A, 8/20 µs................................................
10 operations
Alternating Discharge Current
2 Arms, 50 Hz, 1 second...................................
1 operation min.
4 Arms, 50 Hz, 9 cycles ....................................
1 operation min.
Impulse Life ..................................................... 100 A, 10/1000 µs.............................................> 100 operations
Operating Temperature...............................................................................................................
-30 to +85 °C
Storage Temperature..................................................................................................................
-40 to +115 °C
Climatic Category (IEC 60068-1)................................................................................................
40 / 90 / 21
Notes:
1 Insulation Resistance measured at 500 V for GDTs with >1000 V DCBD.
• UL Recognized component: UL File E313168.
• At delivery AQL 0.65 Level II, DIN ISO 2859.
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
EMEA:
Tel: +36 88 520 390 • Fax: +36 88 520 211
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - 2087-80-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2087-80-SM-RPLF BOURNS-2087-80-SM-RPLF Datasheet
208Kb / 2P
High Voltage Mini-2-Electrode Gas Discharge Tube
More results

Similar Description - 2087-80-SM-RPLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2087-80 BOURNS-2087-80 Datasheet
253Kb / 2P
High Voltage Mini-2-Electrode Gas Discharge Tube
2089-100 BOURNS-2089-100 Datasheet
341Kb / 2P
High Voltage Mini-2-Electrode Gas Discharge Tube
2093-100 BOURNS-2093-100 Datasheet
236Kb / 2P
High Voltage 2-Electrode Gas Discharge Tube
2095-80 BOURNS-2095-80 Datasheet
284Kb / 2P
High Voltage 2-Electrode Gas Discharge Tube
2087-80 BOURNS-2087-80_15 Datasheet
208Kb / 2P
High Voltage Mini-2-Electrode Gas Discharge Tube
2093-100 BOURNS-2093-100_15 Datasheet
238Kb / 2P
High Voltage 2-Electrode Gas Discharge Tube
2095-80 BOURNS-2095-80_15 Datasheet
237Kb / 2P
High Voltage 2-Electrode Gas Discharge Tube
2097-100 BOURNS-2097-100 Datasheet
164Kb / 2P
High-Voltage 2-Electrode Gas Discharge Tube
2087 BOURNS-2087 Datasheet
234Kb / 2P
High Voltage Mini-2-Electrode Gas Discharge Tube
2093 BOURNS-2093 Datasheet
238Kb / 2P
High Voltage 2-Electrode Gas Discharge Tube
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com