Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0426BA02365S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0426BA02365S
Description  426 MHz SAW Bandpass Filter 4.9 MHz bandwidth
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0426BA02365S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0426BA02365S Datasheet HTML 1Page - API Technologies Corp SF0426BA02365S Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
426 MHz SAW Bandpass Filter
4.9 MHz bandwidth
Part Number SF0426BA02365S
Integrated
Circuit
Systems, Inc.
Rev X8 21-Apr-05
Page 2 of 2
Integrated Circuit Systems
• Surface Acoustic Wave Products
PACKAGE OUTLINE
Units: mm
Pad Configuration:
Input: 11
Input Return: 12
Output: 5
Output Return: 6
Ground: 1,2,3,4,7,8,9,10
MATCHING CIRCUIT
11
5
12
6
Cp1
Cp2
Ls1
Ls2
Typical component values:
Ls1 = 17 nH
Ls2 = 15 nH
Cp1 = 18 pF
Cp2 = 18 pF
(Minimum inductor Q = 40)
Notes
Maximum 2% tolerance matching components shall be used.
•
•
Tuning values shown are for reference only. Optimum values may change depending upon board layout.
ISO 9001
Registered
324 Clark Street, Worcester, MA 01606, USA
• Phone 508-852-5400 • Fax 508-852-8456
www.icst.com
QF12/3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com