Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0426BA03153S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0426BA03153S
Description  426 MHz SAW Filter 9.2 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0426BA03153S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0426BA03153S Datasheet HTML 1Page - API Technologies Corp SF0426BA03153S Datasheet HTML 2Page - API Technologies Corp SF0426BA03153S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
426 MHz SAW Filter
9.2 MHz Bandwidth
Part Number: SF0426BA03153S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0426BA03153S Rev A 25-Mar-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency FC
1
-
426
-
MHz
Insertion Loss
2
-
21.3
22
dB
Unit-to-unit Insertion Loss Variation (at room
temperature 25°C)
±0.5
dB
Variation of Insertion Loss over operating
temperature range
±0.8
dB
Lower 1 dB Bandedge
-
421.0
421.4
MHz
Upper 1 dB Bandedge
430.6
431.0
-
MHz
Lower 3 dB Bandedge
-
420.7
421.0
MHz
Upper 3 dB Bandedge
431.0
431.3
-
MHz
Lower 40 dB Bandedge
418.8
419.1
-
MHz
Upper 40 dB Bandedge
-
432.7
433.2
MHz
Amplitude Variation, 421.4 – 430.6 MHz
-
0.6
1.0
dB p-p
Phase Linearity, 421.4 – 430.6 MHz
-
2.2
6
deg p-p
Group Delay Variation, 421.4 – 430.6 MHz
-
33
100
ns p-p
Maximum Group Delay Change Rate, 421.4 –
430.6 MHz
-
2.1
-
ns/10kHz
Absolute Delay
-
0.985
-
µs
Triple Transit Suppression
40
43.5
-
dBc
Rejection, 100 - 411 MHz
3
50
58
-
dB
Rejection, 441 - 500 MHz
3
50
55
-
dB
Source/Load Impedance
50
ohms
Notes:
1. Average of the lower and upper 3 dB band edge frequencies
2. Mean level over 421.4 – 430.6 MHz at room temperature 25°C
3. All rejection levels are in dB relative to the insertion loss
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-45
85
˚C
Operating Temperature Range
10
70
˚C
Input Power Level
-
10
dBm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com