Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0434BA02507S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0434BA02507S
Description  434 MHz SAW Filter 11 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0434BA02507S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0434BA02507S Datasheet HTML 1Page - API Technologies Corp SF0434BA02507S Datasheet HTML 2Page - API Technologies Corp SF0434BA02507S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
434 MHz SAW Filter
11 MHz Bandwidth
Part Number: SF0434BA02507S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0434BA02507S Rev A
25-Mar-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, FC
-
434.0
-
MHz
Passband
4
6
-
MHz
Insertion Loss
1
-
2.5
3.5
dB
Amplitude Ripple
1
-
1.1
1.5
dB
Stopband Rejection, 334 – 393.2 MHz
50
55
-
dB
Stopband Rejection, 474 – 534 MHz
50
55
-
dB
Terminating Impedance
50
Ω
Notes:
1. Over passband, Fo +/- 2 MHz.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
+85
ºC
Operating Temperature Range
-40
+85
ºC
Input Power Level
-
0
dBm
Max. D. C. Voltage between Each Terminal
-
10
V
MATCHING CIRCUIT
Note: Matching components are not required.
Input
50
Ω
Single-ended
Output
50
Ω
Single-ended



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com