Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0434BA02617S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0434BA02617S
Description  434 MHz SAW Filter 7 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0434BA02617S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0434BA02617S Datasheet HTML 1Page - API Technologies Corp SF0434BA02617S Datasheet HTML 2Page - API Technologies Corp SF0434BA02617S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
434 MHz SAW Filter
7 MHz Bandwidth
Part Number: SF0434BA02617S
Spectrum Microwave, Inc.
400 Nickerson Road, Marlborough, MA 01752, USA
Phone 508-251-6400
Fax 508-251-6401
www.SpectrumMicrowave.com
DSSF0434BA02517S Rev X2 4-Feb-11
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc)
-
433.92
-
MHz
Nominal Bandwidth (1 dB)
-
7
-
MHz
Insertion Loss (433.00 – 434.71 MHz)
-
2.0
2.7
dB
Amplitude Ripple (433.00 – 434.71 MHz)
-
0.3
1.3
dB p-p
Attenuation (Reference level from 0 dB)
(389.0 to 392.0 MHz)
(411.0 to 414.0 MHz)
(454.0 to 457.0 MHz)
(475.5 to 478.5 MHz)
42.0
40.0
40.0
42.0
54.0
50.0
51.0
52.0
-
-
-
-
dB
dB
dB
dB
Ambient Temperature
25
˚C
System Source and Load Impedance
50
Ohm
MAXIMUM RATINGS
Parameter
Min
Max
Units
Operating Temperature Range
-10
60
˚C
Storage Temperature Range
-40
85
˚C
Input Power Level
-
+10
dBm
DC voltage
-
3
V
MATCHING CIRCUIT
Notes:
•
External matching components are not required.
•
Device is intended to operate in a 50 Ω single ended system.
Input
50
Ω
Single ended
Output
50
Ω
Single ended
2
5
All other pads
GND
GND



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com