Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0480CF01977S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0480CF01977S
Description  480.0 MHz Filter for Satellite / DVB Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0480CF01977S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0480CF01977S Datasheet HTML 1Page - API Technologies Corp SF0480CF01977S Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
480.0 MHz Filter
for Satellite / DVB Applications
Part Number SF0480CF01977S
Micro Networks, 324 Clark Street, Worcester, MA 01606, USA tel: 508-852-5400, fax:508-852-8456, www.micronetworks.com
Micro Networks
Worldwide Headquarters: 324 Clark Street Worcester, MA 01606. tel: 508-852-5400 fax: 508-852-8456
www.micronetworks.com
PACKAGE OUTLINE
Units: mm
Pin Configuration:
Input:
9
Input Return:
10
Output:
4
Output Return: 5
Ground: ALL OTHER PINS
MATCHING CIRCUIT
9
4
10
5
No matching components required.
Rev 4.0 29-Sep-04
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com