Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS12 Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN54LS12
Description  TRIPLE 3-INPUT NAND GATE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS12 Datasheet(HTML) 1 Page - Motorola, Inc

  SN54LS12 Datasheet HTML 1Page - Motorola, Inc SN54LS12 Datasheet HTML 2Page - Motorola, Inc SN54LS12 Datasheet HTML 3Page - Motorola, Inc SN54LS12 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5-42
FAST AND LS TTL DATA
TRIPLE 3-INPUT NAND GATE
14
13
12
11
10
9
1
2
3
4
5
6
VCC
8
7
GND
*
*OPEN COLLECTOR OUTPUTS
*
*
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
VOH
Output Voltage — High
54, 74
5.5
V
IOL
Output Current — Low
54
74
4.0
8.0
mA
SN54/74LS12
TRIPLE 3-INPUT NAND GATE
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
ORDERING INFORMATION
SN54LSXXJ
Ceramic
SN74LSXXN
Plastic
SN74LSXXD
SOIC
14
1
D SUFFIX
SOIC
CASE 751A-02


Similar Part No. - SN54LS12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS12 TI-SN54LS12 Datasheet
200Kb / 6P
TRIPLE 3-INPUT POSITIVE-NAND GATES WITH COLLECTOR OUTPUTS
SN54LS12 TI1-SN54LS12 Datasheet
405Kb / 11P
TRIPLE 3-INPUT POSITIVE-NAND GATES WITH COLLECTOR OUTPUTS
logo
Motorola, Inc
SN54LS122 MOTOROLA-SN54LS122 Datasheet
278Kb / 10P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Texas Instruments
SN54LS122 TI-SN54LS122 Datasheet
460Kb / 12P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS122 TI1-SN54LS122 Datasheet
1Mb / 25P
RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results

Similar Description - SN54LS12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F10DM NSC-54F10DM Datasheet
140Kb / 6P
Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
Triple 3-input NAND gate
1989 Sep 20
logo
STMicroelectronics
M54HC10 STMICROELECTRONICS-M54HC10 Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Dec-1992
logo
Texas Instruments
CD74AC10 TI-CD74AC10 Datasheet
29Kb / 5P
Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
Triple 3-Input NAND Gate
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
TRIPLE 3-INPUT NAND GATE
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
Triple 3-input NAND gate
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com