Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP121 Datasheet(PDF) 1 Page - Boca Semiconductor Corporation

Part # TIP121
Description  Power Darlingtons for Linear and Switching Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

TIP121 Datasheet(HTML) 1 Page - Boca Semiconductor Corporation

  TIP121 Datasheet HTML 1Page - Boca Semiconductor Corporation TIP121 Datasheet HTML 2Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
TIP120, 121, 122
NPN PLASTIC POWER TRANSISTORS
TIP125, 126, 127
PNP PLASTIC POWER TRANSISTORS
Power Darlingtons for Linear and Switching Applications
ABSOLUTE MAXIMUM RATINGS
120 121 122
125 126 127
Collector-base voltage (open emitter)
VCBO
max. 60
80
100
V
Collector-emitter voltage (open base)
VCEO
max. 60
80
100
V
Collector current
IC
max.
5.0
A
Total power dissipation up to TC = 25°C
Ptot
max.
65
W
Junction temperature
Tj
max.
150
°C
Collector-emitter saturation voltage
IC = 3 A; IB = 12 mA
VCEsat max.
2.0
V
D.C. current gain
IC = 0.5 A; VCE = 3 V
hFE
min.
1.0
RATINGS (at TA=25°C unless otherwise specified)
120 121 122
125 126 127
Collector-base voltage (open emitter)
VCBO
max. 60
80
100
V
Collector-emitter voltage (open base)
VCEO
max. 60
80
100
V
Emitter-base voltage (open collector)
VEBO
max.
5.0
V
TIP120, TIP121, TIP122
TIP125, TIP126, TIP127
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
B
1 23
J
M
G
D
F
E
C
DIM
M IN .
M A X.
A
14.42
16.51
B
9.63
10.67
C
3.56
4.83
D0.90
E
1.15
1.40
F
3.75
3.88
G
2.29
2.79
H
2.54
3.43
J0.56
K
12.70
14.73
L
2.80
4.07
M
2.03
2.92
N
31.24
OD E G 7
1
2
3
4
IS / IECQC 700000
IS / IECQC 750100
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
TO-220 Plastic Package
Boca Semiconductor Corp.
http://www.bocasemi.com
page: 1


Similar Part No. - TIP121

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP121 MOSPEC-TIP121 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP121 MOTOROLA-TIP121 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Power Innovations Ltd
TIP121 POINN-TIP121 Datasheet
157Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP121 STMICROELECTRONICS-TIP121 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
logo
Diotec Semiconductor
TIP121 DIOTEC-TIP121 Datasheet
49Kb / 2P
Si-Epitaxial PlanarTransistors
More results

Similar Description - TIP121

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
Medium Power Linear and Switching Applications
BDW94 FAIRCHILD-BDW94 Datasheet
39Kb / 5P
Power Linear and Switching Applications
BDX33 FAIRCHILD-BDX33 Datasheet
39Kb / 5P
Power Linear and Switching Applications
BDX34 FAIRCHILD-BDX34 Datasheet
39Kb / 5P
Power Linear and Switching Applications
logo
Boca Semiconductor Corp...
TIP100 BOCA-TIP100 Datasheet
26Kb / 2P
Power Darlingtons for Linear and Switching Applications
logo
Comset Semiconductor
2N3055 COMSET-2N3055 Datasheet
146Kb / 2P
POWER LINEAR AND SWITCHING APPLICATIONS
BD912 COMSET-BD912 Datasheet
101Kb / 3P
POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD681STU FAIRCHILD-BD681STU Datasheet
44Kb / 4P
Medium Power Linear and Switching Applications
BD240BTU FAIRCHILD-BD240BTU Datasheet
33Kb / 3P
Medium Power Linear and Switching Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com