Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP31 Datasheet(PDF) 1 Page - Boca Semiconductor Corporation

Part # TIP31
Description  General Purpose Amplifier and Switching Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

TIP31 Datasheet(HTML) 1 Page - Boca Semiconductor Corporation

  TIP31 Datasheet HTML 1Page - Boca Semiconductor Corporation TIP31 Datasheet HTML 2Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
TIP31, 31A, 31B, 31C
NPN PLASTIC POWER TRANSISTORS
TIP32, 32A, 32B, 32C
PNP PLASTIC POWER TRANSISTORS
General Purpose Amplifier and Switching Applications
ABSOLUTE MAXIMUM RATINGS
31 31A 31B 31C
32 32A 32B 32C
Collector-base voltage (open emitter)
VCBO
max. 40
60
80
100
V
Collector-emitter voltage (open base)
VCEO
max. 40
60
80
100
V
Collector current
IC
max.
3.0
A
Total power dissipation up to TC = 25°C Ptot
max.
40
W
Junction temperature
Tj
max.
150
°C
Collector-emitter saturation voltage
IC = 3 A; IB = 375 mA
VCEsat
max.
1.2
V
D.C. current gain
IC = 3 A; VCE = 4 V
hFE
min.
10
max.
50
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
31 31A 31B 31C
32 32A 32B 32C
Collector-base voltage (open emitter)
VCBO
max. 40
60
80
100
V
Collector-emitter voltage (open base)
VCEO
max. 40
60
80
100
V
Emitter-base voltage (open collector)
VEBO
max.
5.0
V
TIP31, TIP31A, TIP31B, TIP31C
TIP32, TIP32A, TIP32B, TIP32C
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
B
1 23
J
M
G
D
F
E
C
DIM
M IN .
M A X.
A
14.42
16.51
B
9.63
10.67
C
3.56
4.83
D0.90
E
1.15
1.40
F
3.75
3.88
G
2.29
2.79
H
2.54
3.43
J0.56
K
12.70
14.73
L
2.80
4.07
M
2.03
2.92
N
31.24
OD E G 7
1
2
3
4
IS / IECQC 700000
IS / IECQC 750100
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
TO-220 Plastic Package
http://www.bocasemi.com
page: 1
Boca Semiconductor Corp.
(BSC)


Similar Part No. - TIP31

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP31 MOSPEC-TIP31 Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Power Innovations Ltd
TIP31 POINN-TIP31 Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Samsung semiconductor
TIP31 SAMSUNG-TIP31 Datasheet
220Kb / 6P
NPN (MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
logo
Fairchild Semiconductor
TIP31 FAIRCHILD-TIP31 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
logo
Micro Electronics
TIP31 MICRO-ELECTRONICS-TIP31 Datasheet
43Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - TIP31

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1954 TOSHIBA-2SA1954 Datasheet
159Kb / 4P
TRANSISTOR (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)
logo
Fairchild Semiconductor
KSE2955T FAIRCHILD-KSE2955T Datasheet
38Kb / 4P
General Purpose and Switching Applications
KSE3055T FAIRCHILD-KSE3055T Datasheet
38Kb / 4P
General Purpose and Switching Applications
MJE2955T FAIRCHILD-MJE2955T Datasheet
37Kb / 4P
General Purpose and Switching Applications
MJE3055T FAIRCHILD-MJE3055T Datasheet
36Kb / 4P
General Purpose and Switching Applications
logo
Boca Semiconductor Corp...
TIP29 BOCA-TIP29 Datasheet
26Kb / 2P
General purpose Amplifier and Switching Applications
TIP41 BOCA-TIP41 Datasheet
25Kb / 2P
General Purpose Amplifier and Switching Applications
logo
Fairchild Semiconductor
KSE8355T FAIRCHILD-KSE8355T Datasheet
38Kb / 4P
General Purpose and Switching Applications
logo
Toshiba Semiconductor
2SA1953 TOSHIBA-2SA1953_07 Datasheet
196Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1954 TOSHIBA-2SA1954_07 Datasheet
234Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com