Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP29B Datasheet(PDF) 1 Page - Boca Semiconductor Corporation

Part # TIP29B
Description  General purpose Amplifier and Switching Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

TIP29B Datasheet(HTML) 1 Page - Boca Semiconductor Corporation

  TIP29B Datasheet HTML 1Page - Boca Semiconductor Corporation TIP29B Datasheet HTML 2Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 3
TIP29, 29A, 29B, 29C
NPN PLASTIC POWER TRANSISTORS
TIP30, 30A, 30B, 30C
PNP PLASTIC POWER TRANSISTORS
General Purpose Amplifier and Switching Applications
ABSOLUTE MAXIMUM RATINGS
29 29A 29B 29C
30 30A 30B 30C
Collector-base voltage (open emitter)
VCBO
max. 40
60
80
100
V
Collector-emitter voltage (open base)
VCEO
max. 40
60
80
100
V
Collector current
IC
max.
1.0
A
Total power dissipation up to TC = 25°C Ptot
max.
30
W
Junction temperature
Tj
max.
150
°C
Collector-emitter saturation voltage
IC = 1 A; IB = 125 mA
VCEsat
max.
0.7
V
D.C. current gain
IC = 1 A; VCE = 4 V
hFE
min.
15
max.
75
RATINGS (at TA=25°C unless otherwise specified)
Limiting values
29 29A 29B 29C
30 30A 30B 30C
Collector-base voltage (open emitter)
VCBO
max. 40
60
80
100
V
Collector-emitter voltage (open base)
VCEO
max. 40
60
80
100
V
TIP29, TIP29A, TIP29B, TIP29C
TIP30, TIP30A, TIP30B, TIP30C
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
B
1 23
J
M
G
D
F
E
C
DIM
M IN .
M A X.
A
14.42
16.51
B
9.63
10.67
C
3.56
4.83
D0.90
E
1.15
1.40
F
3.75
3.88
G
2.29
2.79
H
2.54
3.43
J0.56
K
12.70
14.73
L
2.80
4.07
M
2.03
2.92
N
31.24
OD E G 7
1
2
3
4
IS / IECQC 700000
IS / IECQC 750100
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
TO-220 Plastic Package
http://www.bocasemi.com
page: 1
Boca Semiconductor Corp.
BSC


Similar Part No. - TIP29B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP29B MOSPEC-TIP29B Datasheet
145Kb / 3P
POWER TRANSISTORS(1.0A,40-100V,30W)
logo
Motorola, Inc
TIP29B MOTOROLA-TIP29B Datasheet
137Kb / 4P
1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS
logo
ON Semiconductor
TIP29B ONSEMI-TIP29B Datasheet
137Kb / 4P
POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 1
logo
Power Innovations Ltd
TIP29B POINN-TIP29B Datasheet
85Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIP29B TRSYS-TIP29B Datasheet
443Kb / 5P
NPN SILICON POWER TRANSISTORS
More results

Similar Description - TIP29B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1954 TOSHIBA-2SA1954 Datasheet
159Kb / 4P
TRANSISTOR (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)
logo
Fairchild Semiconductor
KSE2955T FAIRCHILD-KSE2955T Datasheet
38Kb / 4P
General Purpose and Switching Applications
KSE3055T FAIRCHILD-KSE3055T Datasheet
38Kb / 4P
General Purpose and Switching Applications
MJE2955T FAIRCHILD-MJE2955T Datasheet
37Kb / 4P
General Purpose and Switching Applications
MJE3055T FAIRCHILD-MJE3055T Datasheet
36Kb / 4P
General Purpose and Switching Applications
logo
Boca Semiconductor Corp...
TIP31 BOCA-TIP31 Datasheet
25Kb / 2P
General Purpose Amplifier and Switching Applications
TIP41 BOCA-TIP41 Datasheet
25Kb / 2P
General Purpose Amplifier and Switching Applications
logo
Fairchild Semiconductor
KSE8355T FAIRCHILD-KSE8355T Datasheet
38Kb / 4P
General Purpose and Switching Applications
logo
Toshiba Semiconductor
2SA1953 TOSHIBA-2SA1953_07 Datasheet
196Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1954 TOSHIBA-2SA1954_07 Datasheet
234Kb / 5P
General Purpose Amplifier Applications Switching and Muting Switch Application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com