Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP31B Datasheet(PDF) 2 Page - Boca Semiconductor Corporation

Part # TIP31B
Description  General Purpose Amplifier and Switching Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

TIP31B Datasheet(HTML) 2 Page - Boca Semiconductor Corporation

  TIP31B Datasheet HTML 1Page - Boca Semiconductor Corporation TIP31B Datasheet HTML 2Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Collector current
IC
max.
3.0
A
Collector current (Peak)
ICM
max.
5.0
A
Base current
IB
max.
1.0
A
Total power dissipation upto TC=25°C Ptot
max.
40
W
Derate above 25°C
max
0.32
W/°C
Total power dissipation upto TA=25°C Ptot
max.
2
W
Derate above 25°C
max
0.016
W/°C
Junction temperature
Tj
max.
150
°C
Storage temperature
Tstg
–65 to +150
ºC
THERMAL RESISTANCE
From junction to case
Rth j–c
3.125
°C/W
From junction to ambient
Rth j–a
62.5
°C/W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
31 31A 31B 31C
32 32A 32B 32C
Collector cutoff current
IB = 0; VCE = 30V
ICEO
max. 0.3 0.3
–
–
mA
IB = 0; VCE = 60V
ICEO
max. –
–
0.3
0.3
mA
VBE = 0; VCE = VCEO(max)
ICES
max.
0.2
mA
Emitter cut-off current
IC = 0; VEB = 5 V
IEBO
max.
1.0
mA
Breakdown voltages
IC = 30 mA; IB = 0
VCEO(sus)*
min. 40
60
80
100
V
IC = 1 mA; IE = 0
VCBO
min. 40
60
80
100
V
IE = 1 mA; IC = 0
VEBO
min.
5.0
V
Saturation voltage
IC = 3 A; IB = 375 mA
VCEsat*
max.
1.2
V
Base emitter on voltage
IC = 3 A; VCE = 4 V
VBE(on)*
max.
1.8
V
D.C. current gain
IC = 1 A; VCE = 4 V
hFE*
min.
25
IC = 3 A; VCE = 4 V
hFE*
min.
10
max.
50
Small-signal current gain
IC = 0.5A; VCE = 10V; f = 1 KHz |hfe|
min.
20
Transition frequency
IC = 0.5A; VCE = 10V; f = 1 MHz fT (1)
min.
3
MHz
* Pulse test: pulse width
≤ 300 µs; duty cycle ≤ 2%.
(1) fT = |hfe|• ftest
TIP31, TIP31A, TIP31B, TIP31C
TIP32, TIP32A, TIP32B, TIP32C
http://www.bocasemi.com
page: 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com