Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR533P Datasheet(PDF) 2 Page - Rohm

Part # 2SCR533P
Description  NPN 3.0A 50V Middle Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR533P Datasheet(HTML) 2 Page - Rohm

  2SCR533P Datasheet HTML 1Page - Rohm 2SCR533P Datasheet HTML 2Page - Rohm 2SCR533P Datasheet HTML 3Page - Rohm 2SCR533P Datasheet HTML 4Page - Rohm 2SCR533P Datasheet HTML 5Page - Rohm 2SCR533P Datasheet HTML 6Page - Rohm 2SCR533P Datasheet HTML 7Page - Rohm 2SCR533P Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SCR533P / 2SCR533D
lElectrical characteristics
(Ta = 25°C)
*1 Pulsed
*2 See switching time test circuit
lSwitching time test circuit
Unit
V
m
A
-
V
Max.
-
V
-
Parameter
Symbol
Conditions
Min.
Typ.
Collector-emitter
breakdown voltage
BVCEO
IC = 1mA
50
-
Collector-base
breakdown voltage
BVCBO
IC = 100mA
50
-
Emitter-base
breakdown voltage
BVEBO
IE = 100mA
6
-
1
m
A
Collector cut-off current
ICBO
VCB = 50V
-
-
1
Emitter cut-off current
IEBO
VEB = 4V
-
-
-
V
DC current gain
hFE
VCE = 3V, IC = 50mA
180
-
450
-
Collector-emitter
saturation voltage
VCE(sat) *1 IC = 1A, IB = 50mA
-
0.13
0.35
tf *2
-
80
MHz
Output capacitance
Cob
VCB = 10V, IE = 0A
f = 1MHz
-
13
-
pF
Transition frequency
fT
VCE = 10V, IE = -500mA
f=100MHZ
-
320
-
ns
ns
Storage time
tstg *2
-
450
-
ns
Turn-on time
ton *2
IC=1.5A
IB1=150mA
IB2= -150mA
VCC⋍10V
-
50
-
Fall time
2/7
2013.05 - Rev.B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com