Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LS13 Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN54LS13
Description  SCHMITT TRIGGERS DUAL GATE/HEX INVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS13 Datasheet(HTML) 1 Page - Motorola, Inc

  SN54LS13 Datasheet HTML 1Page - Motorola, Inc SN54LS13 Datasheet HTML 2Page - Motorola, Inc SN54LS13 Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5-24
FAST AND LS TTL DATA
SCHMITT TRIGGERS
DUAL GATE/HEX INVERTER
The SN54LS/ 74LS13 and SN54LS / 74LS14 contain logic gates / inverters
which accept standard TTL input signals and provide standard TTL output
levels. They are capable of transforming slowly changing input signals into
sharply defined, jitter-free output signals. Additionally, they have greater noise
margin than conventional inverters.
Each circuit contains a Schmitt trigger followed by a Darlington level shifter
and a phase splitter driving a TTL totem pole output. The Schmitt trigger uses
positive feedback to effectively speed-up slow input transitions, and provide
different input threshold voltages for positive and negative-going transitions.
This hysteresis between the positive-going and negative-going input
thresholds (typically 800 mV) is determined internally by resistor ratios and is
essentially insensitive to temperature and supply voltage variations.
14
13
12
11
10
9
1
2
3
4
5
6
VCC
8
7
GND
LOGIC AND CONNECTION DIAGRAMS
SN54 / 74LS13
SN54 / 74LS14
14
13
12
11
10
9
1
2
3
4
5
6
VCC
8
7
GND
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 0.4
mA
IOL
Output Current — Low
54
74
4.0
8.0
mA
SN54/74LS13
SN54/74LS14
SCHMITT TRIGGERS
DUAL GATE / HEX INVERTER
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
ORDERING INFORMATION
SN54LSXXJ
Ceramic
SN74LSXXN
Plastic
SN74LSXXD
SOIC
14
1
D SUFFIX
SOIC
CASE 751A-02


Similar Part No. - SN54LS13

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS132 MOTOROLA-SN54LS132 Datasheet
158Kb / 5P
QUAD 2-INPUT SCHMITT TRIGGER NAND GATE
logo
Texas Instruments
SN54LS132 TI-SN54LS132 Datasheet
362Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
SN54LS132 TI-SN54LS132 Datasheet
928Kb / 23P
QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
SN54LS132 TI1-SN54LS132 Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
SN54LS132FK TI-SN54LS132FK Datasheet
362Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS
More results

Similar Description - SN54LS13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN54-74LS13 ONSEMI-SN54-74LS13 Datasheet
45Kb / 3P
SCHMITT TRIGGERS DUAL GATE/HEX INVERTER
logo
STMicroelectronics
HCC40106B STMICROELECTRONICS-HCC40106B Datasheet
305Kb / 13P
HEX SCHMITT TRIGGERS
Jun-1989
logo
Texas Instruments
CD40106B TI-CD40106B Datasheet
229Kb / 11P
CMOS HEX SCHMITT TRIGGERS
logo
Intersil Corporation
CD40106BMS INTERSIL-CD40106BMS Datasheet
75Kb / 9P
CMOS Hex Schmitt Triggers
December 1992
logo
ON Semiconductor
SN74LS14 ONSEMI-SN74LS14 Datasheet
48Kb / 4P
Schmitt Triggers Dual Gate/Hex Inverter
October, 2001 ??Rev. 1
SN74LS14 ONSEMI-SN74LS14_06 Datasheet
136Kb / 5P
Schmitt Triggers Dual Gate/Hex Inverter
June, 2006 ??Rev. 2
logo
Unisonic Technologies
CD40106 UTC-CD40106_12 Datasheet
164Kb / 6P
HEX SCHMITT TRIGGERS
logo
Texas Instruments
CD40106BM96G4 TI-CD40106BM96G4 Datasheet
1Mb / 17P
CMOS Hex Schmitt Triggers
logo
Unisonic Technologies
UCD40106B UTC-UCD40106B Datasheet
179Kb / 6P
HEX SCHMITT TRIGGERS
UCD40106B UTC-UCD40106B_15 Datasheet
179Kb / 6P
HEX SCHMITT TRIGGERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com