Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD19533KCS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19533KCS
Description  100 V N-Channel NexFET Power MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19533KCS Datasheet(HTML) 1 Page - Texas Instruments

  CSD19533KCS Datasheet HTML 1Page - Texas Instruments CSD19533KCS Datasheet HTML 2Page - Texas Instruments CSD19533KCS Datasheet HTML 3Page - Texas Instruments CSD19533KCS Datasheet HTML 4Page - Texas Instruments CSD19533KCS Datasheet HTML 5Page - Texas Instruments CSD19533KCS Datasheet HTML 6Page - Texas Instruments CSD19533KCS Datasheet HTML 7Page - Texas Instruments CSD19533KCS Datasheet HTML 8Page - Texas Instruments CSD19533KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
0
3
6
9
12
15
18
21
24
27
30
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C,I D = 55A
TC = 125°C,I D = 55A
G001
0
1
2
3
4
5
6
7
8
9
10
0
3
6
9
12
15
18
21
24
27
30
Qg - Gate Charge (nC)
ID = 55A
VDS = 50V
G001
Gate
(Pin 1)
Drain (Pin 2)
Source (Pin 3)
CSD19533KCS
www.ti.com
SLPS482 – DECEMBER 2013
100 V N-Channel NexFET™ Power MOSFETs
Check for Samples: CSD19533KCS
1
FEATURES
2
•
Ultra-Low Qg and Qgd
PRODUCT SUMMARY
•
Low Thermal Resistance
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
100
V
•
Avalanche Rated
Qg
Gate Charge Total (10 V)
27
nC
•
Pb-Free Terminal Plating
Qgd
Gate Charge Gate to Drain
5.4
nC
•
RoHS Compliant
VGS = 6 V
9.7
m
Ω
RDS(on)
Drain-to-Source On Resistance
•
Halogen Free
VGS = 10 V
8.7
m
Ω
•
TO-220 Plastic Package
VGS(th)
Threshold Voltage
2.8
V
APPLICATIONS
ORDERING INFORMATION
Device
Package
Media
Qty
Ship
•
Secondary Side Synchronous Rectifier
TO-220 Plastic
•
Motor Control
CSD19533KCS
Tube
50
Tube
Package
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
This 100 V, 8.7 m
Ω, TO-220 NexFET™ power
TA = 25°C
VALUE
UNIT
MOSFET is designed to minimize losses in power
VDS
Drain-to-Source Voltage
100
V
conversion applications.
VGS
Gate-to-Source Voltage
±20
V
Continuous Drain Current (Package limited)
100
Pin Out Drawing
Continuous Drain Current (Silicon limited),
86
ID
TC = 25°C
A
Continuous Drain Current (Silicon limited),
61
TC = 100°C
IDM
Pulsed Drain Current (1)
104
A
PD
Power Dissipation
188
W
TJ,
Operating Junction and
–55 to 175
°C
TSTG
Storage Temperature Range
Avalanche Energy, single pulse
EAS
106
mJ
ID = 46 A, L = 0.1 mH, RG = 25 Ω
(1) Pulse duration
≤ 300 μs, Duty cycle ≤ 1%
RDS(on) vs VGS
GATE CHARGE
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CSD19533KCS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
CSD19533KCS ISC-CSD19533KCS Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD19533KCS TI2-CSD19533KCS Datasheet
1Mb / 14P
CSD19533KCS, 100V N-Channel NexFET™ Power MOSFET
REVISED MAY 2024
CSD19533KCS.B TI2-CSD19533KCS.B Datasheet
1Mb / 14P
CSD19533KCS, 100V N-Channel NexFET™ Power MOSFET
REVISED MAY 2024
More results

Similar Description - CSD19533KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16556Q5B TI-CSD16556Q5B Datasheet
908Kb / 12P
25-V N-Channel NexFET Power MOSFETs
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
40-V, N-Channel NexFET Power MOSFETs
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
60-V N-Channel NexFET Power MOSFETs
CSD19503KCS TI1-CSD19503KCS Datasheet
764Kb / 10P
80 V N-Channel NexFET??Power MOSFETs
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 14P
CSD19531Q5A 100 V N-Channel NexFET Power MOSFETs
CSD19533Q5A TI1-CSD19533Q5A Datasheet
1Mb / 13P
100 V N-Channel NexFET Power MOSFETs
CSD19534Q5A TI-CSD19534Q5A_15 Datasheet
885Kb / 16P
CSD19534Q5A 100 V N-Channel NexFET Power MOSFETs
CSD17581Q5A TI1-CSD17581Q5A Datasheet
337Kb / 13P
V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com