Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD19535KCS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19535KCS
Description  CSD19535KCS, 100 V N-Channel NexFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19535KCS Datasheet(HTML) 1 Page - Texas Instruments

  CSD19535KCS Datasheet HTML 1Page - Texas Instruments CSD19535KCS Datasheet HTML 2Page - Texas Instruments CSD19535KCS Datasheet HTML 3Page - Texas Instruments CSD19535KCS Datasheet HTML 4Page - Texas Instruments CSD19535KCS Datasheet HTML 5Page - Texas Instruments CSD19535KCS Datasheet HTML 6Page - Texas Instruments CSD19535KCS Datasheet HTML 7Page - Texas Instruments CSD19535KCS Datasheet HTML 8Page - Texas Instruments CSD19535KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C,I D = 100A
TC = 125°C,I D = 100A
G001
0
1
2
3
4
5
6
7
8
9
10
0
8
16
24
32
40
48
56
64
72
80
Qg - Gate Charge (nC)
ID = 100A
VDS = 50V
G001
Gate
(Pin 1)
Drain (Pin 2)
Source (Pin 3)
CSD19535KCS
www.ti.com
SLPS484 – JANUARY 2014
CSD19535KCS, 100 V N-Channel NexFET™ Power MOSFET
Check for Samples: CSD19535KCS
1
FEATURES
2
•
Ultra-Low Qg and Qgd
PRODUCT SUMMARY
•
Low Thermal Resistance
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
100
V
•
Avalanche Rated
Qg
Gate Charge Total (10 V)
78
nC
•
Pb-Free Terminal Plating
Qgd
Gate Charge Gate to Drain
13
nC
•
RoHS Compliant
VGS = 6 V
3.4
m
Ω
RDS(on)
Drain-to-Source On Resistance
•
Halogen Free
VGS = 10 V
3.1
m
Ω
•
TO-220 Plastic Package
VGS(th)
Threshold Voltage
2.7
V
APPLICATIONS
ORDERING INFORMATION
Device
Package
Media
Qty
Ship
•
Secondary Side Synchronous Rectifier
TO-220 Plastic
•
Motor Control
CSD19535KCS
Tube
50
Tube
Package
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
This 100 V, 3.1 m
Ω, TO-220 NexFET™ power
TA = 25°C
VALUE
UNIT
MOSFET is designed to minimize losses in power
VDS
Drain-to-Source Voltage
100
V
conversion applications.
VGS
Gate-to-Source Voltage
±20
V
Continuous Drain Current (Package limited)
150
Pin Out Drawing
Continuous Drain Current (Silicon limited),
187
ID
TC = 25°C
A
Continuous Drain Current (Silicon limited),
133
TC = 100°C
IDM
Pulsed Drain Current (1)
181
A
PD
Power Dissipation
300
W
TJ,
Operating Junction and Storage
–55 to 175
°C
TSTG
Temperature Range
Avalanche Energy, single pulse
EAS
451
mJ
ID = 95 A, L = 0.1 mH, RG = 25 Ω
(1) Pulse duration
≤ 300 μs, Duty cycle ≤ 1%
RDS(on) vs VGS
GATE CHARGE
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CSD19535KCS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
CSD19535KCS ISC-CSD19535KCS Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD19535KCS TI2-CSD19535KCS Datasheet
1,003Kb / 13P
CSD19535KCS 100V N-Channel NexFET™ Power MOSFET
REVISED MAY 2024
CSD19535KCS.B TI2-CSD19535KCS.B Datasheet
1,003Kb / 13P
CSD19535KCS 100V N-Channel NexFET™ Power MOSFET
REVISED MAY 2024
More results

Similar Description - CSD19535KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
100 V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
100 V N-Channel NexFET??Power MOSFET
CSD19533Q5A TI1-CSD19533Q5A Datasheet
1Mb / 13P
100 V N-Channel NexFET Power MOSFETs
CSD19533KCS TI1-CSD19533KCS Datasheet
768Kb / 10P
100 V N-Channel NexFET Power MOSFETs
CSD19536KCS TI1-CSD19536KCS Datasheet
467Kb / 10P
CSD19536KCS, 100 V N-Channel NexFET Power MOSFET
CSD19534KCS TI-CSD19534KCS_15 Datasheet
300Kb / 12P
CSD19534KCS 100 V N-Channel NexFET Power MOSFET
CSD19536KTT TI-CSD19536KTT_15 Datasheet
852Kb / 14P
CSD19536KTT 100 V N-Channel NexFET Power MOSFET
CSD19537Q3 TI-CSD19537Q3_15 Datasheet
478Kb / 13P
CSD19537Q3 100 V N-Channel NexFET Power MOSFET
CSD19538Q3A TI1-CSD19538Q3A Datasheet
348Kb / 13P
100 V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
40-V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com