Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD19536KCS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CSD19536KCS
Description  CSD19536KCS, 100 V N-Channel NexFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19536KCS Datasheet(HTML) 2 Page - Texas Instruments

  CSD19536KCS Datasheet HTML 1Page - Texas Instruments CSD19536KCS Datasheet HTML 2Page - Texas Instruments CSD19536KCS Datasheet HTML 3Page - Texas Instruments CSD19536KCS Datasheet HTML 4Page - Texas Instruments CSD19536KCS Datasheet HTML 5Page - Texas Instruments CSD19536KCS Datasheet HTML 6Page - Texas Instruments CSD19536KCS Datasheet HTML 7Page - Texas Instruments CSD19536KCS Datasheet HTML 8Page - Texas Instruments CSD19536KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CSD19536KCS
SLPS485 – JANUARY 2014
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
100
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 80 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
2.1
2.5
3.2
V
VGS = 6 V, ID = 100 A
2.5
3.2
m
Ω
RDS(on)
Drain-to-Source On Resistance
VGS = 10 V, ID = 100 A
2.3
2.7
m
Ω
gfs
Transconductance
VDS = 10 V, ID = 100 A
307
S
Dynamic Characteristics
Ciss
Input Capacitance
9250
12000
pF
Coss
Output Capacitance
VGS = 0 V, VDS = 50 V, f = 1 MHz
1820
2370
pF
Crss
Reverse Transfer Capacitance
47
61
pF
RG
Series Gate Resistance
1.4
2.8
Ω
Qg
Gate Charge Total (10 V)
118
153
nC
Qgd
Gate Charge Gate to Drain
17
nC
VDS = 50 V, ID = 100 A
Qgs
Gate Charge Gate to Source
37
nC
Qg(th)
Gate Charge at Vth
24
nC
Qoss
Output Charge
VDS = 50 V, VGS = 0 V
335
nC
td(on)
Turn On Delay Time
14
ns
tr
Rise Time
8
ns
VDS = 50 V, VGS = 10 V,
IDS = 100 A, RG = 0 Ω
td(off)
Turn Off Delay Time
38
ns
tf
Fall Time
5
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 100 A, VGS = 0 V
0.9
1.1
V
Qrr
Reverse Recovery Charge
548
nC
VDS= 50 V, IF = 100 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
110
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Thermal Resistance Junction to Case
0.4
°C/W
RθJA
Thermal Resistance Junction to Ambient
62
°C/W
2
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CSD19536KCS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com