Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD23381F4R Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD23381F4R
Description  CSD23381F4, 12 V P-Channel FemtoFET MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD23381F4R Datasheet(HTML) 1 Page - Texas Instruments

  CSD23381F4R Datasheet HTML 1Page - Texas Instruments CSD23381F4R Datasheet HTML 2Page - Texas Instruments CSD23381F4R Datasheet HTML 3Page - Texas Instruments CSD23381F4R Datasheet HTML 4Page - Texas Instruments CSD23381F4R Datasheet HTML 5Page - Texas Instruments CSD23381F4R Datasheet HTML 6Page - Texas Instruments CSD23381F4R Datasheet HTML 7Page - Texas Instruments CSD23381F4R Datasheet HTML 8Page - Texas Instruments CSD23381F4R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
D
G
S
0.35
mm
CSD23381F4
SLPS450B – OCTOBER 2013 – REVISED FEBRUARY 2014
CSD23381F4, 12 V P-Channel FemtoFET™ MOSFET
.
1 Features
Product Summary
1
•
Ultra-Low On Resistance
VDS
Drain-to-Source Voltage
–12
V
•
Ultra-Low Qg and Qgd
Qg
Gate Charge Total (–4.5 V)
1140
pC
•
High Operating Drain Current
Qgd
Gate Charge Gate to Drain
190
pC
VGS = –1.8 V
480
m
Ω
•
Ultra-Small Footprint (0402 Case Size)
RDS(on)
Drain-to-Source On Resistance
VGS = –2.5 V
250
m
Ω
–
1.0 mm × 0.6 mm
VGS = –4.5 V
150
m
Ω
•
Ultra-Low Profile
VGS(th)
Threshold Voltage
–0.95
V
–
0.35 mm Max Height
•
Integrated ESD Protection Diode
.
Ordering Information
–
Rated > 4 kV HBM
Device
Qty
Media
Package
Ship
–
Rated > 2 kV CDM
CSD23381F4
3000
Femto(0402)
7-Inch
Tape and
•
Lead and Halogen Free
1.0 mm x 0.6 mm
Reel
Reel
CSD23381F4T
250
Land Grid Array (LGA)
•
RoHS Compliant
.
2 Applications
Absolute Maximum Ratings
•
Optimized for Load Switch Applications
TA = 25°C
VALUE
UNIT
•
Optimized for General Purpose Switching
VDS
Drain-to-Source Voltage
–12
V
Applications
VGS
Gate-to-Source Voltage
–8
V
•
Battery Applications
ID
Continuous Drain Current(1)
–2.3
A
IDM
Pulsed Drain Current(2)
–9
A
•
Handheld and Mobile Applications
Continuous Gate Clamp Current
–35
IG
mA
Pulsed Gate Clamp Current(2)
–350
3 Description
PD
Power Dissipation(1)
500
mW
This 150 m
Ω, 12 V P-Channel FemtoFET™ MOSFET
Human Body Model (HBM)
4
kV
is designed and optimized to minimize the footprint in
ESD
Rating
many
handheld
and
mobile
applications.
This
Charged Device Model (CDM)
2
kV
technology is capable of replacing standard small
TJ,
Operating Junction and
–55 to 150
°C
TSTG
Storage Temperature Range
signal MOSFETs while providing at least a 60%
reduction in footprint size.
(1) Typical RθJA = 85°C/W on 1-inch
2 (6.45-cm2), 2-oz. (0.071-
mm thick) Cu pad on a 0.06-inch (1.52-mm) thick FR4 PCB.
.
(2) Pulse duration
≤ 300 μs, duty cycle ≤ 2%
Typical Part Dimensions
Top View
.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD23381F4R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD23381F4 TI1-CSD23381F4 Datasheet
801Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD23381F4T TI1-CSD23381F4T Datasheet
801Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
12 V P-Channel FemtoFET MOSFET
More results

Similar Description - CSD23381F4R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
12 V, N-Channel FemtoFET??MOSFET
CSD23382F4 TI-CSD23382F4_15 Datasheet
1Mb / 15P
CSD23382F4 12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
12 V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
20 V P-Channel FemtoFET MOSFET
CSD25484F4 TI1-CSD25484F4 Datasheet
1Mb / 15P
20 V P-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
12-V, P-Channel FemtoFET MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
12-V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
12-V N-Channel FemtoFET MOSFET
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
??0-V P-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com