Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM070WM2 Datasheet(PDF) 17 Page - AZ Displays

Part # PM070WM2
Description  color TFT LCD module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PM070WM2 Datasheet(HTML) 17 Page - AZ Displays

Back Button PM070WM2 Datasheet HTML 13Page - AZ Displays PM070WM2 Datasheet HTML 14Page - AZ Displays PM070WM2 Datasheet HTML 15Page - AZ Displays PM070WM2 Datasheet HTML 16Page - AZ Displays PM070WM2 Datasheet HTML 17Page - AZ Displays PM070WM2 Datasheet HTML 18Page - AZ Displays PM070WM2 Datasheet HTML 19Page - AZ Displays PM070WM2 Datasheet HTML 20Page - AZ Displays PM070WM2 Datasheet HTML 21Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
PM070WM2
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.Page:17
Note
13-1: The definitions of viewing angles are as follow.
Note
13-2: The definition of contrast ratio
Black
is
point
Testing
when
Luminance
White
is
point
Testing
when
Luminance
CR
=
Note
13-3: Definition of Response Time Tr and Tf:
100%
90%
10%
0%
White
White
Black
Tr
Tf
Note 13-4: The “LED Life time “ is defined as the module brightness decrease to 50% original
Brightness that the ambient temperature is 25 and ILED =176mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com