Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM9759 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM9759
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM9759 Datasheet(HTML) 1 Page - API Technologies Corp

  TM9759 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10 - 2500 MHz
10 - 2500 MHz
Power
Vdc
+15
+15
mA
185
195 Max.
RF AMPLIFIER
MODEL TM9759
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
200-2500 MHz
4.3 **
5.5 Max. **
VSWR
In
1.6:1
1.8:1 Max.*
Out
1.6:1
1.8:1 Max.*
Reverse
Isolation (dB)
-22
-19 Max.
Power @ 1 dB
Comp. (dBm)
27.5
25.5 Min.
Gain (dB)
8.5
7.5 Min.
Specifications
Typical Performance Data
Features
High Output Power: +27.5 dB Typical
High Second Order Harmonics: +69 dBm Typical (+12V)
High Third Order Intercept: +39 dBm Typical
Intermodulation Performance
Typical at 25 ºC
Vcc = +12 V Vcc = +15 V
Second Order Harmonic Intercept Point +69 dBm
+58 dBm
Second Order Two Tone Intercept Point
+63 dBm
+52 dBm
Third Order Two Tone Intercept Point
+39 dBm
+40 dBm
Available as:
TM9759, 4 Pin TO-8 (T4)
TN9759, 4 Pin 0.450” Sq. Surface Mount (SM3)
FP9759, 4 Pin Flatpack (FP4)
BX9759, Connectorized Housing (H1)
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Rev.
1/16/09
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Gain Flatness (dB)
+/- 0.4
+/- 0.8 Max.
(Absolute) Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature .................................-62ºC to +125 ºC
Maximum Operating Case Temperature .................. +125 ºC
DC Voltage..........................................................+17 Volts
Continuous RF Input Power...................................+20 dBm
Short Term RF Input Power.....250 Milliwatts (1 Minute Max.)
Maximum Peak Power.....................0.5 Watt (3
µsec Max.)
Preliminary
*2.1:1 below 20 MHz
** 1.0 dB higher between 100-200 MHz and 2000-2500 MHz


Similar Part No. - TM9759

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM9753 SPECTRUM-TM9753 Datasheet
45Kb / 1P
RF AMPLIFIER
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - TM9759

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com