Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP030 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # DP030
Description  Extremely low collector-to-emitter saturation voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

DP030 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  DP030 Datasheet HTML 1Page - KODENSHI_AUK CORP. DP030 Datasheet HTML 2Page - KODENSHI_AUK CORP. DP030 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KST-9087-000
1
DP030
PNP Silicon Transistor
Z
Features
• Extremely low collector-to-emitter saturation voltage
( V
CE(SAT)= -0.15V Typ. @IC /IB=-100mA/-10mA)
• Suitable for low voltage large current drivers
• Complementary pair with DN030
• Switching Application
Ordering Information
Type NO.
Marking
Package Code
DP030
DP030
TO-92
Outline Dimensions
unit : mm
Z
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
PIN Connections
1. Emitter
2. Collector
3. Base


Similar Part No. - DP030

ManufacturerPart #DatasheetDescription
logo
AUK corp
DP030 AUK-DP030 Datasheet
65Kb / 3P
PNP Silicon Transistor
DP030E AUK-DP030E Datasheet
59Kb / 3P
PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
DP030E KODENSHI-DP030E Datasheet
60Kb / 3P
PNP Silicon Transistor
logo
AUK corp
DP030S AUK-DP030S Datasheet
72Kb / 3P
Extremely low collector-to-emitter saturation voltage
logo
KODENSHI_AUK CORP.
DP030S KODENSHI-DP030S Datasheet
61Kb / 3P
Extremely low collector-to-emitter saturation voltage
More results

Similar Description - DP030

ManufacturerPart #DatasheetDescription
logo
AUK corp
DP030S AUK-DP030S Datasheet
72Kb / 3P
Extremely low collector-to-emitter saturation voltage
logo
KODENSHI_AUK CORP.
DN030U KODENSHI-DN030U Datasheet
296Kb / 4P
Extremely low collector-to-emitter saturation voltage
DN050 KODENSHI-DN050 Datasheet
197Kb / 4P
Extremely low collector-to-emitter saturation voltage
DN050S KODENSHI-DN050S Datasheet
272Kb / 4P
Extremely low collector-to-emitter saturation voltage
DP100S KODENSHI-DP100S Datasheet
256Kb / 4P
Extremely low collector-to-emitter saturation voltage
DN030E KODENSHI-DN030E Datasheet
57Kb / 3P
Extremely low collector-to-emitter saturation voltage
DN200F KODENSHI-DN200F Datasheet
286Kb / 5P
Extremely low collector-to-emitter saturation voltage
DN500 KODENSHI-DN500 Datasheet
57Kb / 3P
Extremely low collector-to-emitter saturation voltage
DP030S KODENSHI-DP030S Datasheet
61Kb / 3P
Extremely low collector-to-emitter saturation voltage
DP100S KODENSHI-DP100S Datasheet
256Kb / 4P
Extremely low collector-to-emitter saturation voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com