Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0983BA032880S Datasheet(PDF) 3 Page - Spectrum Microwave, Inc.

Part # SF0983BA032880S
Description  983.04 MHz SAW Bandpass Filter, 0.51 MHz 1 dB Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

SF0983BA032880S Datasheet(HTML) 3 Page - Spectrum Microwave, Inc.

  SF0983BA032880S Datasheet HTML 1Page - Spectrum Microwave, Inc. SF0983BA032880S Datasheet HTML 2Page - Spectrum Microwave, Inc. SF0983BA032880S Datasheet HTML 3Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PACKAGE OUTLINE
Units: mm
Tolerances are ± 0.15 mm except
where indicated.
Pad Configuration:
Input:
2
Output:
6
Ground:
All other pads
Package Material:
Body: Al
2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 1 µm
min, over a 1.3 - 8.9 µm Ni plating
8/2012
+1 855.294.3800
www.apitech.com
+1 888.553.7531
apitech.com/microwave
8/2012



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com