Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM9715 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM9715
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM9715 Datasheet(HTML) 1 Page - API Technologies Corp

  TM9715 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point........+55 dBm (Typ.)
Second Order Two Tone Intercept Point.........+49 dBm (Typ.)
Third Order Two Tone Intercept Point.............+40 dBm (Typ.)
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Power
Vdc
+12
+12
m A
180
220 Max.
RF AMPLIFIER
MODEL TM9715
Available as:
TM9715, 4 Pin TO-8 (T4)
TN9715, 4 Pin Surface Mount (SM3)
BX9715, Connectorized Housing (H1)
Features
! High Output Power: +25 dBm Typical
!Environmental ScreeningAvailable
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
500 - 2000 MHz
500 - 2000 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise figure (dB)
<4.5
6.0 Max.
VSWR
In
<2.0:1
2.3:1 Max.
Out
<1.5:1
2.0:1 Max.
Reverse
Isolation (dB)
-19
-18 Max.
Power @ 1 dB
Comp. (dBm)
+25.0
+24.0 Min.
Gain (dB)
11.0
10.0 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 20 dBm
Short Term RF Input Power .... 200 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
4/29/04
Linear S-Parameters
FREQ.
– – – – S11– – – –
– – – – S21– – – –
– – – – S12– – – –
– – – – S22– – – –
MHz
Deg
Mag
Deg
Mag
Deg
Mag
Deg
Mag
=========================================================================================================
500
750
1000
1250
1500
1750
2000
.26
.31
.34
.34
.31
.27
.34
-148
-165
177
154
123
72
5
3.88
3.80
3.76
3.72
3.64
3.56
3.36
141
118
97
73
49
22
- 8
.11
.10
.10
.10
.10
.10
.10
- 26
- 38
- 48
- 57
- 67
- 80
-100
.17
.13
.09
.08
.08
.13
.18
134
104
69
- 4
- 73
-110
-129
3.0
2.0
1.0
2.0
1.5
1.0
2
6
5
4
3
13
11
9
+31
+29
+27
+25
+23
0
- 10
- 20
- 30
- 40
10
12
Start 500 MHz
Stop 2000 MHz
Start 500 MHz
Stop 2000 MHz
Start 500 MHz
Stop 2000 MHz
Start 500 MHz
Stop 2000 MHz
Start 500 MHz
Stop 2000 MHz
Start 500 MHz
Stop 2000 MHz
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - TM9715

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM9715 SPECTRUM-TM9715 Datasheet
41Kb / 1P
RF AMPLIFIER
More results

Similar Description - TM9715

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com