Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM9566 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TM9566
Description  RF AMPLIFIER MODEL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TM9566 Datasheet(HTML) 1 Page - API Technologies Corp

  TM9566 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point........+26 dBm (Typ.)
Second Order Two Tone Intercept Point.........+21 dBm (Typ.)
Third Order Two Tone Intercept Point.............+12 dBm (Typ.)
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Power
Vdc
+5
+5
m A
18
20 Max.
RF AMPLIFIER
MODEL TM9566
Available as:
TM9566, 4 Pin TO-8 (T4)
Features
! Low Noise Figure: <3 dB Typical
! High Gain: +26 dBm Typical
! Low +5 Volt Supply
! Environmental ScreeningAvailable
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
5 - 1100 MHz
10 - 1000 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise figure (dB)
<3.0
4.0 Max.
VSWR
In
<1.5:1
2.0:1 Max.
Out
<1.75:1
2.0:1 Max.
Reverse
Isolation (dB)
-35
-34 Max.
Power @ 1 dB
Comp. (dBm)
+0.5
-0.5 Min.
Gain (dB)
26
24.5 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 10 Volts
Continuous RF Input Power ................................. + 20 dBm
Short Term RF Input Power .... 200 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
4/14/04
TN9566, 4 Pin Surface Mount (SM3)
FP9566, 4 Pin Flatpack (FP4)
BX9566, Connectorized Housing (H1)
Linear S-Parameters
FREQ.
MHz
S11
Mag.
Deg.
S21
Mag.
Deg.
S12
Mag.
Deg.
S22
Mag.
Deg.
========================================================================================
5
10
50
100
200
400
600
800
1000
1200
.03
.04
.04
.07
.13
.19
.20
.14
.11
.15
-38
-30
-67
-83
-124
-169
138
62
-44
-144
21.05
20.93
20.48
20.67
20.92
21.86
22.11
22.13
21.70
18.54
4
-0
-13
-26
-52
-105
-162
139
75
-2
.02
.01
.01
.01
.01
.01
.02
.02
.02
.02
8
-1
3
-11
7
4
-1
-1
-25
2
.21
.21
.21
.22
.24
.29
.28
.17
.20
.44
-174
-175
-176
-176
-180
165
139
126
177
143
2.0
1.5
1.0
2.0
1.5
1.0
5
24
+ 7
+ 5
+ 3
+ 1
- 1
0
- 15
- 30
- 45
- 60
27
26
28
25
Start 5 MHz
Stop 1100 MHz
Start 5 MHz
Stop 1100 MHz
Start 5 MHz
Stop 1100 MHz
Start 5 MHz
Stop 1100 MHz
Start 5 MHz
Stop 1100 MHz
Start 5 MHz
Stop 1100 MHz
1
4
3
2
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Ouput VSWR
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - TM9566

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM9566 SPECTRUM-TM9566 Datasheet
45Kb / 1P
RF AMPLIFIER
More results

Similar Description - TM9566

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9753 APITECH-TM9753 Datasheet
46Kb / 1P
RF AMPLIFIER MODEL
TM9510PM APITECH-TM9510PM Datasheet
80Kb / 1P
RF AMPLIFIER MODEL
TM9720 APITECH-TM9720 Datasheet
41Kb / 1P
RF AMPLIFIER MODEL
TM9713 APITECH-TM9713 Datasheet
83Kb / 1P
RF AMPLIFIER MODEL
TM9705 APITECH-TM9705 Datasheet
65Kb / 1P
RF AMPLIFIER MODEL
TM9700 APITECH-TM9700 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TM9512PM APITECH-TM9512PM Datasheet
93Kb / 1P
RF AMPLIFIER MODEL
TM9512 APITECH-TM9512 Datasheet
73Kb / 1P
RF AMPLIFIER MODEL
TM9352 APITECH-TM9352 Datasheet
44Kb / 1P
RF AMPLIFIER MODEL
TR9794 APITECH-TR9794 Datasheet
33Kb / 1P
RF AMPLIFIER MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com