Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMG15001 Datasheet(PDF) 2 Page - Meder Electronic

Part # PSMG15001
Description  Single MOSFET Die
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

PSMG15001 Datasheet(HTML) 2 Page - Meder Electronic

  PSMG15001 Datasheet HTML 1Page - Meder Electronic PSMG15001 Datasheet HTML 2Page - Meder Electronic PSMG15001 Datasheet HTML 3Page - Meder Electronic PSMG15001 Datasheet HTML 4Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PSMG 150/01
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2003 POWERSEM reserves the right to change limits, test conditions and dimensions
Package style and outline
Dimensions in mm (1mm = 0.0394“)
Module
Symbol
Conditions
Maximum Ratings
T
VJ
-40...+150
°C
T
stg
-40...+125
°C
V
ISOL
I
ISOL ≤ 1 mA; 50/60 Hz; t = 1 s
3600
V~
M
d
Mounting torque (M4)
1.5 - 2.0
Nm
14 - 18
lb.in.
a
Max. allowable acceleration
50
m/s2
Symbol
Conditions
Characteristic Values
min.
typ. max.
d
S
Creepage distance on surface (Pin to heatsink)
11.2
m m
d
A
Strike distance in air (Pin to heatsink)
11.2
m m
Weight
24
g
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
S
V
GS = 0 V
180
A
I
SM
Repetitive;
720
A
pulse width limited by T
JM
V
SD
I
F = 100A, VGS = 0 V,
1)
1.5
V
t
rr
250
ns
Q
RM
I
F = 50A,-di/dt = 100 A/µs, VR = 100 V
1.1
µC
I
RM
13
A
Note:
1)
Pulse width limited by T
JM
2)
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
Temperature Sensor NTC
Symbol
Conditions
Characteristic Values
min.
typ.
max.
R
25
T = 25°C
4.75
5.0
5.25 k
Ω
B
25/50
3375
K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com