Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSUT9012 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSUT9012
Description  Three Phase AC Controller Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSUT9012 Datasheet(HTML) 1 Page - Powersem GmbH

  PSUT9012 Datasheet HTML 1Page - Powersem GmbH PSUT9012 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
tentative
data
sheet
product
still
under
development
Three Phase
PSUT 90
I
RMS =
3 x 90 A
AC Controller Modules
PSUH 90
V
RRM= 800-1800 V
Preliminary Data Sheet
Features
•
Thyristor controller for AC (circuit
W3C acc. to IEC) for mains frequency
•
Isolation voltage 3000 V
∼
•
Planar glass passivated chips
•
Low forward voltage drop
•
Leads suitable for PC board
soldering
•
UL Release applied
Applications
•
Switching and control of three
phase AC circuits
•
Light and temperature control
•
Softstart AC motor controller
•
Solid state switches
Advantages
•
Easy to mount with four screws
•
Space and weight savings
•
Improved temperature and power
cycling capability
•
High power density
•
Small and light weight
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-TOPTM 1
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Data according to IEC 60747 refer to a single thyristor unless otherwise stated
Symbol
Test Conditions
Maximum Ratings
I
RMS
T
C = 85 °C; 50-400 Hz (per phase)
90
A
I
TRMS
64
A
I
TAVM
T
C = 85 °C;
180° sine, per Thyristor
40
A
I
TSM
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
1000
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1100
A
T
VJ = 125 °C
t = 10 ms (50 Hz), sine
900
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1000
A
∫∫∫∫∫ i2 dt
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
5000
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
5200
A²s
T
VJ = 125 °C
t = 10 ms (50 Hz), sine
4050
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
4150
A²s
(di/dt)
cr
T
VJ = 125 °C
repetitive, I
T = 60 A
150
A/µs
f=50Hz, t
P=200µs
V
D=2/3VDRM
I
G=0.45 A
non repetitive,I
T = ITAVM
500
A/µs
di
G/dt=0.45A/µs
(dv/dt)
cr
T
VJ = 125 °C
V
D=2/3VDRM
1000
V/µs
R
GK= ∞, method 1 (linear voltage rise)
P
GM
T
VJ = 125 °C
t
P=30µs
≤
10
W
I
T =ITAVM
t
P=300µs
≤
5W
P
GAVM
0.5
W
V
RGM
10
V
T
VJ
-40... + 125
°C
T
VJM
125
°C
T
stg
-40... + 125
°C
V
ISOL
50/60 Hz, RMS t = 1 min
2500
V
∼
I
ISOL ≤ 1 mA
t = 1 s
3000
V
∼
M
d
Mounting torque (M5)
3
Nm
26
lb.in.
Weight
typ.
86
g
V
RSM
V
RRM
Type
V
DSM
V
DRM
(V)
(V)
900
800 PSUT 90/08 PSUH 90/08
1300 1200 PSUT 90/12 PSUH 90/12
1500 1400 PSUT 90/14 PSUH 90/14
1700 1600 PSUT 90/16 PSUH 90/16
1900 1800 PSUT 90/18 PSUH 90/18
V15
P1
N15
H1
G15
A1
S1 T1 U1
L1 M1 N1
Q15 R15 S15
D1 E1 F1
I15 J15 K15
B15 C15 D15
W3H
W3C
V15
N15
G15
S1 T1 U1
L1 M1 N1
Q15 R15 S15
D1 E1 F1
I15 J15 K15
B15 C15 D15
typical picture, for pin
configuration see outline
drawing


Similar Part No. - PSUT9012

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSUT90 POWERSEM-PSUT90 Datasheet
325Kb / 2P
Three Phase AC Controller Modules
More results

Similar Description - PSUT9012

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VWO50 IXYS-VWO50 Datasheet
47Kb / 2P
Three Phase AC Controller Modules
VWO140 IXYS-VWO140 Datasheet
92Kb / 2P
Three Phase AC Controller Modules
logo
Powersem GmbH
PSUH50 POWERSEM-PSUH50 Datasheet
135Kb / 2P
Three Phase AC Controller Modules
PSUH95 POWERSEM-PSUH95 Datasheet
133Kb / 2P
Three Phase AC Controller Modules
PSUT36 POWERSEM-PSUT36 Datasheet
119Kb / 2P
Three Phase AC Controller Modules
PSUT50 POWERSEM-PSUT50 Datasheet
135Kb / 2P
Three Phase AC Controller Modules
PSUT90 POWERSEM-PSUT90 Datasheet
325Kb / 2P
Three Phase AC Controller Modules
PSUT230 POWERSEM-PSUT230 Datasheet
325Kb / 2P
Three Phase AC Controller Modules
PSUT65PSUH65 POWERSEM-PSUT65PSUH65 Datasheet
868Kb / 2P
Three Phase AC Controller Modules
PSUT230PSUH230 POWERSEM-PSUT230PSUH230 Datasheet
325Kb / 2P
Three Phase AC Controller Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com