Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSWD8014 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSWD8014
Description  Diode Modules
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSWD8014 Datasheet(HTML) 1 Page - Powersem GmbH

  PSWD8014 Datasheet HTML 1Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Diode Modules
PSWD 80
IFRMS
= 3x 50 A
PSYD 80
VRRM
= 800 - 1800 V
Preliminary Data Sheet
Symbol
Test Conditions
Maximum Ratings
IFAVM
TC = 85°C
50
A
IFSM
TVJ = 45°C
t = 10 ms
(50 Hz), sine
1200
A
VR = 0
t = 8.3 ms
(60 Hz), sine
1300
A
TVJ = TVJM
t = 10 ms
(50 Hz), sine
1000
A
VR = 0
t = 8.3 ms
(60 Hz), sine
1100
A
∫ i2 dt
TVJ = 45°C
t = 10 ms
(50 Hz), sine
7200
A
2 s
VR = 0
t = 8.3 ms
(60 Hz), sine
7200
A
2 s
TVJ = TVJM
t = 10 ms
(50 Hz), sine
5000
A
2 s
VR = 0
t = 8.3 ms
(60 Hz), sine
5000
A
2 s
TVJ
-40 ... + 150
°C
TVJM
150
°C
Tstg
-40 ... + 125
°C
VISOL
50/60 HZ, RMS
t = 1 min
2500
V
∼
IISOL ≤ 1 mA
t = 1 s
3000
V
∼
Md
Mounting torque
(M6)
5
Nm
Terminal connection torque
(M6)
5
Nm
Weight
typ.
270
g
Symbol
Test Conditions
Characteristic Value
IR
VR = VRRM
TVJ = 25°C
≤
0.3
mA
VR = VRRM
TVJ = TVJM
≤
5.0
mA
VF
IF = 300 A
TVJ = 25°C
≤
1.7
V
VTO
For power-loss calculations only
0.8
V
rT
TVJ = TVJM
5
m
Ω
RthJC
per diode; DC current
0.9
K/W
per module
0.15
K/W
RthJK
per diode; DC current
1.08
K/W
per module
0.18
K/W
dS
Creeping distance on surface
10.0
Mm
dA
Creeping distance in air
9.4
Mm
a
Max. allowable acceleration
50
m/s
2
PSWD
PSYD
Base
V RSM
V DSM
V RRM
V DRM
Type
Type
900
800
PSWD 80/08
PSYD 80/08
1300
1200
PSWD 80/12
PSYD 80/12
1500
1400
PSWD 80/14
PSYD 80/14
1700
1600
PSWD 80/16
PSYD 80/16
1900
1800
PSWD 80/18
PSYD 80/18
Features
•
Package with screw terminals
•
Isolation voltage 3000 V
∼
•
Planar glasspassivated chips
•
Blocking voltage up to 1800 V
•
Low forward voltage drop
•
UL registered, E148688
Applications
•
Supplies for DC power equipment
•
Input rectifiers for PWM inverter
•
Battery DC power supplies
•
Field supply for DC motors
Advantages
•
Easy to mount with two screw
•
Space and weight savings
•
Improved temperature and power
cycling capability
Package, style and outline
Dimensions in mm (1 mm=0.0394”)
POWERSEM GmbH, Walpersdorfer Str. 53
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
2004 POWERSEM reserves the right to change limits, test conditions and dimensions


Similar Part No. - PSWD8014

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSWD80 POWERSEM-PSWD80 Datasheet
264Kb / 1P
Diode Modules
More results

Similar Description - PSWD8014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD181 SIRECTIFIER-STD181 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com