Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MVSC1 Datasheet(PDF) 2 Page - MMD Components

Part # MVSC1
Description  VCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MVSC1 Datasheet(HTML) 2 Page - MMD Components

  MVSC1_12 Datasheet HTML 1Page - MMD Components MVSC1_12 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
03/25/11 B
Revisions only with customer approval
Pg 2 of 2
PITCH
PITCH
4.00 [.157]
TAPE WIDTH
12.00 [.471]
DIRECTION OF FEED
180 [7.0]
REEL DIA
REEL DIA
Q1 Q2
Q3 Q4
Q1 Q2
Q4
Q3
500
QTY PER REEL
PIN 1 ORIENT.
Q1
Tape Width
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters [inch].
3. Tolerances are ±0.1 [.004] mm unless otherwise specified.
4. Do not scale drawing.
PIN CONNECTIONS
PIN 1
PIN 2
PIN 3
PIN 4
VOLTAGE CONTROL
CASE GROUND
OUTPUT
SUPPLY VOLTAGE
SUGGESTED
LAND PATTERN
DIMENSIONS IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
3.20 [.125]
MAX
2.50 [.098]
MAX
1.20 [.047]
MAX
1.20 [.047]
1.00 [.039]
0.90 [.035]
0.65 [.025]
2.20 [.086]
1.70 [.066]
1.40 [.055]
1.20 [.047]
2
34
1
MXX.XXX
SYYWWL
XXXXX
Part Number Guide
Mechanical Details
Tape & Reel Dimensions
3.2 x2.5 Ceramic SMD
4 Pads
MVS
Frequency
Operating Temperature
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
C
Frequency
Stability
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
150 = ±150 ppm
Supply Voltage
3 = +3.3VDC
2 = +2.5VDC
1 = +1.8VDC
Symmetry
Blank = 40/60%
A = 45/55%
Pin 1 Connection
V = Voltage Control
Please Consult with MMD Sales Department for any other Parameters or Options
Output
C = CMOS
Value Added Options
Blank = No Added Options
T = Tape and Reel
V
Pullability
B = ±100 ppm
C = ±150 ppm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com