Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WC26G Datasheet(PDF) 2 Page - MMD Components

Part # WC26G
Description  WC26G Series Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

WC26G Datasheet(HTML) 2 Page - MMD Components

  WC26G Datasheet HTML 1Page - MMD Components WC26G Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
WC26G082812E
Specifications are subject to change without notice.
Pg 2 of 2
4.30 [.169]
6.00 [.236]
8.30 [.327]
2.54 [.100]
0.20 [.008]
MAX
1.00 [.039]
1.00 [.039]
1.30 [.051]
0.23 [.009]
0.15 [.006]
2.50 [.098]
2.70 [.106]
2.10 [.083]
60°
0.15 [.006]
2.50 [.098]
5.20 [.205]
1.50 [.059]
3.40 [.134]
2.54 [.100]
1.00 [.039]
DIMENSION IN BRACKETS ARE IN INCHES
RECOMMENDED
LAND PATTERN
MOUNTING JACKET
DIMENSIONS
Mechanical Details with Mounting Bracket
Mechanical Details
6.20 [.244]
MAX
3.30 [.130]
MAX
2.00 [.079]
MAX
1.00 [.039]
MAX
2.54 [.100]
0.23 [.009]
2.20 [.087]
MAX
0.25 [.010]
MAX
DIMENSION IN BRACKETS ARE IN INCHES
RECOMMENDED
LAND PATTERN
3.80 [.150]
3.40 [.134]
1.70 [.067]
1.70 [.067]
1.00 [.039]
1.70 [.067]
2.00 [.079]
NOTES
1. CAN PLATING =Ni
2. LEAD PLATING =Sn 95%- 98%, Cu 2%- 5%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com