Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCSMC Datasheet(PDF) 1 Page - MMD Components

Part # WCSMC
Description  WCSMC Series Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

WCSMC Datasheet(HTML) 1 Page - MMD Components

  WCSMC Datasheet HTML 1Page - MMD Components WCSMC Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Revision:
08/14/13 J
Specifications are subject to change without notice.
Pg 1 of 2
32 .7 6 8 K H Z
Please consult w ith M M D sales departm ent for any other param eters or options.
WC SM C
Freq u ency Tolerance
Blank = ± 20 ppm
C = ±10 ppm
Load C a pacitan ce
Blank = 12.5pF
6 = 6pF
Ro H S C o m p lian t
Blank = N ot C om pliant
F = Is C om pliant
B lank = N o A dded O ptions
T = Tape and R eel
Va lu e Ad d ed O p tio n s
W
WC
CS
SM
MC
C S
Se
erriie
ess C
Crryysstta
all
 4 Pad Plastic SMD Package
 Tuning Fork Crystal
 Tight Tolerance and Stability
 Tape and Reel Packaging
Part Number Guide
Frequency
32.768kHz
Frequency Tolerance
See Part Number Guide Below
Turnover Temperature (To)
25°C ±5°C
Frequency Stability
-0.034(±0.006)ppm/°C2(T-To)2
Operating Temperature Range
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Shunt Capacitance
1.35pF Typ
Motional Capacitance
3.0fF Typ
Equivalent Series Resistance (ESR)
50K Ohms
Load Capacitance
12.5pF or 6pF
Drive Level
1µW max
Capacitance Radio (CO/C1)
450 Typ
Aging
±3ppm / 1st Yr Max
Insulation Resistance
500 Mega ohms Min at 100VDC ±15VDC
Hermeticity of Seal
1 x 10-2 mPa (m3/s) Max
Shock Resistance
±5ppm max (drop test onto a hard wooden board from 75cm)
Moisture Sensitivity Level
3


Similar Part No. - WCSMC

ManufacturerPart #DatasheetDescription
logo
MMD Components
WCSMC MMD-WCSMC Datasheet
58Kb / 1P
4 Pad Ceramic SMD Package
WCSMC MMD-WCSMC Datasheet
85Kb / 2P
4 Pad Plastic SMD Package
WCSMC-32.768KHZ- MMD-WCSMC-32.768KHZ- Datasheet
58Kb / 1P
4 Pad Ceramic SMD Package
WCSMC-32.768KHZ-6 MMD-WCSMC-32.768KHZ-6 Datasheet
58Kb / 1P
4 Pad Ceramic SMD Package
WCSMC-32.768KHZ-6T MMD-WCSMC-32.768KHZ-6T Datasheet
58Kb / 1P
4 Pad Ceramic SMD Package
More results

Similar Description - WCSMC

ManufacturerPart #DatasheetDescription
logo
MMD Components
WC315 MMD-WC315 Datasheet
64Kb / 1P
32.768KHZ Crystal Series
A MMD-A_13 Datasheet
74Kb / 3P
A Series Crystal
H MMD-H_13 Datasheet
106Kb / 2P
H Series Crystal
WC146SM MMD-WC146SM_12 Datasheet
114Kb / 2P
WC146SM Series Crystal
WC415 MMD-WC415_12 Datasheet
95Kb / 2P
WC415 Series Crystal
WC519 MMD-WC519_12 Datasheet
98Kb / 2P
WC519 Series Crystal
logo
Cree, Inc
FCN13595 CREE-FCN13595 Datasheet
1Mb / 28P
Crystal series
FCN13552 CREE-FCN13552 Datasheet
713Kb / 19P
Crystal series
F12985 CREE-F12985 Datasheet
270Kb / 12P
Crystal series
F12916 CREE-F12916 Datasheet
110Kb / 7P
Crystal series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com