Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0868BA02655S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0868BA02655S
Description  868.30 MHz SAW Filter 1.30 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0868BA02655S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0868BA02655S Datasheet HTML 1Page - API Technologies Corp SF0868BA02655S Datasheet HTML 2Page - API Technologies Corp SF0868BA02655S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
868.30 MHz SAW Filter
1.30 MHz Bandwidth
Part Number SF0868BA02655S
Spectrum Microwave, Inc.
400 Nickerson Road, Marlborough, MA 01752, USA
Phone 508-251-6400
Fax 508-251-6401
www.SpectrumMicrowave.com
DSSF0868BA02655S Rev X6 10-Jan-10
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency, FC
-
868.30
-
MHz
Minimum Insertion Loss (IL)
-
3.4
3.8
dB
3 dB Bandwidth
-
1.3
-
MHz
Passband Ripple (868.1 to 868.5 MHz)
-
0.6
2.0
dB p-p
Passband Ripple (868.0 to 868.6 MHz)
-
0.9
3.0
dB p-p
Attenuation (referenced to 0 dB absolute)
10 to 830 MHz
40
45
-
dB
830 to 850 MHz
35
40
-
dB
850 to 865.2 MHz
25
28
-
dB
865.2 to 867 MHz
4
8
-
dB
869.6 to 871 MHz
3
5.5
-
dB
871 to 874.5 MHz
15
24
-
dB
874.5 to 883 MHz
22
26
-
dB
883 to 900 MHz
30
35
-
dB
900 to 1000 MHz
40
45
-
dB
Impedance at FC Input ZIN =RIN //CIN
210 Ohm // 2.1pF
-
Output ZOUT =ROUT
//C
210 Ohm // 2.1pF
-
Ambient Temperature
25
˚C
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-45
120
˚C
Operating temperature Range
-45
120
˚C
Input Power Level
-
+17
dBm
DC Voltage
-
6
V
MATCHING CIRCUIT
Ls1=18 nH, Cp1=3 pF, Ls2=18 nH, Cp2=3 pF
Notes:
•
Recommend ±2% toleranced matching components. Typical inductor Q=40.
•
Values shown are for reference only. Actual values are dependent upon board layout.
Input
50
Ω
Single ended
Output
50
Ω
Single ended
GND
GND
2
5
All other pads



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com